Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS-PCN Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # PSS-PCN
Description  High brightness surface mount LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

PSS-PCN Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  PSS-PCN Datasheet HTML 1Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 2Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 3Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 4Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 5Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 6Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 7Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 8Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Vr @ Ir = 10uA
26/06/2015 V4.0
3
AllnGaP : DSx-PSS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
DSA; Amber
DSY; Yellow
Full
W
X
Full
W
X
Y
Z
610 - 621
610 - 615
615 - 621
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
V1
V2
W1
W2
715.0 ... 900.0
900.0 ... 1125.0
1125.0 ... 1400.0
1400.0 ... 1800.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.
Unit
Characteristics
Value
Temperature coefficient of λ
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
0.06
0.08
TCV
-2.0
-1.9
mV / K
TCIV
-0.65
-1.00
% / K
DSA-PSS
DSY-PSS
Part Number
DSA-PSS
DSY-PSS
DSA-PSS
DSY-PSS
λ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com