Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS-PCN Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # PSS-PCN
Description  High brightness surface mount LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

PSS-PCN Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  PSS-PCN Datasheet HTML 1Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 2Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 3Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 4Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 5Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 6Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 7Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 8Page - DOMINANT Semiconductors PSS-PCN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
26/06/2015 V4.0
2
DSA-PSS-VW1-1
DSA-PSS-V2W-1
DSY-PSS-VW1-1
Amber, 615nm
Amber, 615nm
Yellow, 587nm
120
120
120
715.0
900.0
715.0
AllnGaP : DSx-PSS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd)
Optical Characteristics at Tj=25˚C
Min.
Typ.
Max.
1050.0
1350.0
1050.0
1400.0
1800.0
1400.0
NOTE
1. All part number above comes in a quantity of 2500 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. An optional Vf binning is also available upon request. Binning scheme is as per following table. Please contact marketing for special part
number
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DSx-PSS
2.1
2.5
12
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 5 mm2 per pad)
50
200
12
125
-40 … +100
-40 … +100
125
520
280
mA
mA
V
˚C
˚C
˚C
mW
K/W
K/W
Min. (V)
1.8
DOMINANT
Opto Technologies
Innovating Illumination
TM
Not for new design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com