Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF-LLG Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # SSF-LLG
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSF-LLG Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  SSF-LLG Datasheet HTML 1Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 2Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 3Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 4Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 5Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 6Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 7Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 8Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
InGaN Warm White S-Spice : SSF-LLG
DOMINANT
Opto Technologies
Innovating Illumination
TM
T2
U1
U2
355.0 ... 450.0
450.0 ... 560.0
560.0 ... 715.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.
13/02/2014 V2.0
4
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
01
02
03
04
05
06
07
2.90 … 3.00
3.00 … 3.10
3.10 … 3.20
3.20 … 3.30
3.30 … 3.40
3.40 … 3.50
3.50 … 3.60
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Please consult sales and marketing for special part number to incorporate Vf binning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com