Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF-LLG Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # SSF-LLG
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSF-LLG Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  SSF-LLG Datasheet HTML 1Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 2Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 3Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 4Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 5Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 6Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 7Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 8Page - DOMINANT Semiconductors SSF-LLG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
13/02/2014 V2.0
1
Features:
> High brightness surface mount LED.
> Super wide viewing angle of 160°.
> Equivalent to 0603 package outline. Copper lead-frame construction.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
SpiceLEDTM
Like spice, its diminutive size is a stark contrast to its standout performance
in terms of brightness, durability and reliability. Despite being the smallest in
size yet the SpiceLED™ packs a powerful performance and is a highly reliable
design device. Its versality enables its application in automotive applicances,
key-pad illumination, hand-held devices such as PDAs, notebooks, compact
back-lighting applications, consumer appliances, office equipment, audio and
video equipment.
DATA SHEET:
SpiceLEDTM
InGaN Warm White S-Spice : SSF-LLG
© 2005 SpiceLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: Interior applications, eg: switches, telematics, climate
control system, dashboard, etc
> Signage: full colour display video notice board, signage, special effect
lighting.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - SSF-LLG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SSF-LLG DOMINANT-SSF-LLG Datasheet
1Mb / 14P
SpiceLED
SSF-LLG-T2U-1 DOMINANT-SSF-LLG-T2U-1 Datasheet
1Mb / 14P
SpiceLED
SSF-LLG DOMINANT-SSF-LLG_16 Datasheet
1Mb / 14P
SpiceLED
More results

Similar Description - SSF-LLG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDT-TJS DOMINANT-DDT-TJS Datasheet
1,012Kb / 12P
High brightness surface mount LED
DDW-CRG DOMINANT-DDW-CRG Datasheet
1Mb / 15P
High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
High brightness surface mount LED
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
High brightness surface mount LED
DDX-XJS-I21 DOMINANT-DDX-XJS-I21 Datasheet
1Mb / 13P
High brightness surface mount LED.
DDX-XRS-I2 DOMINANT-DDX-XRS-I2 Datasheet
1Mb / 12P
High brightness surface mount LED
DDZB-DJG-1-I1 DOMINANT-DDZB-DJG-1-I1 Datasheet
1Mb / 16P
High brightness surface mount LED
DNW-CJG-I1 DOMINANT-DNW-CJG-I1 Datasheet
1Mb / 18P
High brightness surface mount LED
DNZB-CJG DOMINANT-DNZB-CJG Datasheet
919Kb / 14P
High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com