Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSX-SLD Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # SSX-SLD
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSX-SLD Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  SSX-SLD Datasheet HTML 1Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 2Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 3Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 4Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 5Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 6Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 7Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 8Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
13/02/2014 V4.0
3
InGaN S-Spice : SSx-SLD
Wavelength Grouping at Tj= 25˚C
Wavelength distribution (nm)
Color
SST; True Green
SSB; Blue
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
464 - 476
464 - 468
468 - 472
472 - 476
Dominant wavelength is measured with an accuracy of ± 1nm .
Group
Full
W
X
Y
Z
Full
W
X
Y
Electrical Characteristics at Tj=25˚C
Optical Characteristics at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM
H2
J1
J2
K1
L2
M1
M2
N1
3.55 ... 4.50
4.50 ... 5.60
5.60 ... 7.20
7.20 ... 9.00
14.00 ... 18.00
18.00 ... 22.40
22.40 ... 28.50
28.50 ... 35.50
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com