Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSX-SLD Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # SSX-SLD
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSX-SLD Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button SSX-SLD Datasheet HTML 5Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 6Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 7Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 8Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 9Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 10Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 11Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 12Page - DOMINANT Semiconductors SSX-SLD Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
13/02/2014 V4.0
10
Packaging Specification
Average 1pc SpiceLED
1 completed bag (3000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
55 reels MAX
Small
Large
For SpiceLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
45,000 MAX
165,000 MAX
Weight (gram)
0.001
140 ± 10
InGaN S-Spice : SSx-SLD
DOMINANT TM
DOMINANT
Opto Technologies
Innovating Illumination
TM
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
DOMINANT
ROHS Compliant
PB Free
Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com