Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT41HT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAT41HT1G
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT41HT1G Datasheet(HTML) 2 Page - ON Semiconductor

  BAT41HT1G Datasheet HTML 1Page - ON Semiconductor BAT41HT1G Datasheet HTML 2Page - ON Semiconductor BAT41HT1G Datasheet HTML 3Page - ON Semiconductor BAT41HT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT41HT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 μA)
VR
100
−
−
V
Reverse Leakage
(VR = 50 V)
IR
−
−
0.1
μAdc
Forward Voltage
(IF = 1 mAdc)
VF
−
−
0.45
Vdc
Forward Voltage
(IF = 10 mAdc)
VF
−
−
0.6
Vdc
Forward Voltage
(IF = 100 mAdc)
VF
−
−
0.82
Vdc
Forward Voltage
(IF = 200 mAdc)
VF
−
−
1.0
Vdc
Forward Voltage Reverse Leakage
(VR = 100 V)
IR
−
−
0.2
mAdc
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
−
4
10
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com