Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT41HT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BAT41HT1G
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT41HT1G Datasheet(HTML) 3 Page - ON Semiconductor

  BAT41HT1G Datasheet HTML 1Page - ON Semiconductor BAT41HT1G Datasheet HTML 2Page - ON Semiconductor BAT41HT1G Datasheet HTML 3Page - ON Semiconductor BAT41HT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAT41HT1G
http://onsemi.com
3
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 1. Forward Voltage
Figure 2. Leakage Current
Figure 3. Total Capacitance
25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
−55°C
150°C
125°C
75°C
1
0.1
0.01
0.001
0.0001
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TA = −55°C
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
10 20
30
40
50
60
100
70
90
80
5.0
0
10 20
30
40
50
60
100
70
90
80
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com