Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRS3201P Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRS3201P
Description  Schottky Fast Soft-Recovery Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3201P Datasheet(HTML) 2 Page - ON Semiconductor

  MBRS3201P Datasheet HTML 1Page - ON Semiconductor MBRS3201P Datasheet HTML 2Page - ON Semiconductor MBRS3201P Datasheet HTML 3Page - ON Semiconductor MBRS3201P Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRS3201P
www.onsemi.com
2
MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
Average Rectified Forward Current (Rated VR, TC = 70°C)
IF(AV)
3
A
Nonrepetitive Peak Surge Current
IFSM
100
A
Operating Junction Temperature
TJ
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead
RqJL
12
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
60
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage
(IF = 3 A, TJ = 25°C)
(IF = 3 A, TJ = 150°C)
VF
0.84
0.59
V
Maximum Instantaneous Reverse Current (Rated VR)
(Rated DC Voltage, TJ = 25°C)
(Rated DC Voltage, TJ = 150°C)
IR
1.0
5.0
mA
mA
Maximum Reverse Recovery Time
(IF = 1 A, di/dt = 100 A/us, VR = 30 V)
trr
35
ns
0.1
1.0
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VF, INSTANTANEOUS VOLTAGE (V)
25
°C
150
°C
100
°C
Figure 1. Typical Forward Voltage
0.1
1.0
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VF, INSTANTANEOUS VOLTAGE (V)
25
°C
150
°C
100
°C
Figure 2. Maximum Forward Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com