Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRS3201P Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRS3201P
Description  Schottky Fast Soft-Recovery Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3201P Datasheet(HTML) 3 Page - ON Semiconductor

  MBRS3201P Datasheet HTML 1Page - ON Semiconductor MBRS3201P Datasheet HTML 2Page - ON Semiconductor MBRS3201P Datasheet HTML 3Page - ON Semiconductor MBRS3201P Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRS3201P
www.onsemi.com
3
VR, REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Current
1E−9
1E−8
1E−7
1E−6
1E−5
1E−4
1E−3
1E−2
1E−1
0
20
40
60
80
100 120 140 160 180 200
150
°C
100
°C
25
°C
Figure 4. Maximum Reverse Current
1.0E−06
160
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
120 140
180 200
TC = 25°C
TC = 150°C
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0
10
100
1000
0
20
40
60
80
100 120 140 160 180 200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC
SQUARE
VR, REVERSE VOLTAGE (V)
Figure 5. Typical Capacitance
IO, AVERAGE FORWARD CURRENT
Figure 6. Power Dissipation
0
1
2
3
4
5
6
7
80
90
100
110
120
130
140
150
160
TL, LEAD TEMPERATURE (°C)
Figure 7. Derating Curve
DC
SQUAREWAVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com