Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLC05-R10_-RC Datasheet(PDF) 1 Page - Allied Components International

Part # MLC05-R10_-RC
Description  Multilayer Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLC05-R10_-RC Datasheet(HTML) 1 Page - Allied Components International

  MLC05-R10_-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multilayer Chip Inductors
MLC05
MLC05-R033M-RC
MLC05-R082M-RC
MLC05-R10_-RC
MLC05-R12_-RC
MLC05-R15_-RC
MLC05-R18_-RC
MLC05-R22_-RC
MLC05-R27_-RC
MLC05-R33_-RC
MLC05-R39_-RC
MLC05-R47_-RC
MLC05-R56_-RC
MLC05-R68_-RC
MLC05-R82_-RC
MLC05-1R0_-RC
MLC05-1R2_-RC
MLC05-1R5_-RC
MLC05-1R8_-RC
MLC05-2R2_-RC
MLC05-2R7_-RC
MLC05-3R3_-RC
MLC05-3R9_-RC
MLC05-4R7_-RC
MLC05-5R6_-RC
MLC05-6R8_-RC
MLC05-8R2_-RC
MLC05-100_-RC
MLC05-120_-RC
MLC05-150_-RC
MLC05-220_-RC
.033
.082
.10
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
22
15
15
25
25
25
25
25
25
25
25
25
25
25
25
35
35
35
35
35
35
35
35
35
35
35
30
30
30
20
20
50
50
25
25
25
25
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
4
4
4
2
2
1
1
270
245
240
205
180
165
150
136
125
110
105
95
85
75
65
60
55
50
45
40
38
36
33
22
20
18
17
15
14
11
0.20
0.30
0.50
0.50
0.60
0.60
0.80
0.80
0.85
1.00
1.35
1.50
1.70
2.10
0.60
0.80
0.80
0.95
1.10
1.30
1.50
1.70
2.10
1.50
1.70
2.10
2.55
2.60
1.50
1.70
50
50
50
50
50
50
50
50
35
35
35
35
35
35
25
25
25
25
15
15
15
15
15
5
5
5
5
3
1
1
M
M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
Electrical
Test Frequency: As noted.
Operating Temp:
Resistance to Solder Heat
Pre-Heat: 150ºC, 1 minute.
Solder Composition:
Solder Temp: 260ºC ±5ºC
Immersion time: 10 ±1 sec.
Test Equipment
(L): HP4291A RF Impedance Analyzer
DCR: Chen Hwa 502BC or HP4338B
SRF: HP8753D / Agilent E4991A
IDC: HP4284A with HP42841A / HP4285A
Physical
Packaging: 4000 pieces per 7 inch reel.
*Please insert the letter for desired tolerance: K=10% M=20%
IDC
Max.
(mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
0.063±0.008
(1.60±0.2)
0.031±0.008
(0.80±0.2)
0.012±0.008
(0.30±0.20)
.028~.031
(0.7~0.8)
Dimensions:
Inches
(mm)
MLC05-R068M-RC
.068
15
50
250
0.30
50
M
MLC05-R056M-RC
.056
15
50
255
0.30
50
M
MLC05-R047M-RC
.047
15
50
260
0.30
50
M
All specifications subject to change without notice.
.070~.079
(1.8~.2.0)
.024~.032
(0.6~0.8)
Revised 09/30/15
0.031±.008
(0.80±0.2)
*
or alternate.
or alternate.
or alternate.
with HP42841A.
Marking: None
Sn/Ag3.0/Cu0.5
No Damage with more than 75% coverage.
Inductance within 30% of initial value. Within
20% over 12µh.
-40ºC ~ 125ºC / -55ºC to
+125ºC pending.
Tolerance: As noted, please indicate letter
desired tolerance.
Inductance Range: .033µh to 22µh
Features
• 0603 EIA Size
• MultiLayer Ferrite Construction
• Closed Magnetic path for Shielding
• Excellent Solderability Characteristics


Similar Part No. - MLC05-R10_-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLC05-R10M-RC ALLIED-MLC05-R10M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
More results

Similar Description - MLC05-R10_-RC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com