Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWT-PCB Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # CWT-PCB
Description  TEST MULTIPLE PCBs IN WIND TUNNEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

CWT-PCB Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  CWT-PCB Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
R3_0215
OPEN LOOP WIND TUNNEL
FEATURES:
» Multiple PCB Testing
Test actual or simulated PCBs for
thermal and air flow distribution
» Heat Sink Characterization
Characterize a variety of heat
sink sizes for natural and forced
convection cooling
» Sensor Calibration
Uniform velocity profile at the
testing section allows accurate
calibration of sensors
» Heat Sink Comparison
Multiple PCBs testing simulated
up to six PCBs in parallel
» Component Testing
An ideal test vehicle for
component characterization
» Flow Visualization
Observe air flow distribution
in the tunnel by smoke or
buoyant bubbles through the
all PlexiglasTM test section
» Variable Speed
Change air flow rates by
controlling the fan RPM
» Quick Access
Quickly change the test
specimen through the test
section cover and side access
» Sensor Ports
Measure pressure, velocity
and temperature through
the sensor ports
» Free Lifetime Tech Support
APPLICATIONS:
» Telecommunications
» Automotive
» Medical
» Chemical
» University Research
CWT-PCB™
TEST MULTIPLE PCBs IN WIND TUNNEL
A unique, fully controllable wind tunnel for thermal
and air flow testing of multiple PCBs. The test
chamber has a 2-D converging nozzle with a multi-point
measurement area for sensor placement upstream of the
test section. The test section is equipped with card guides
to allow insertion of actual or simulated PCBs from the
side panel.
The wind tunnel is designed to test up to six PCBs side
by side as seen in a electronic cabinet. The wind tunnel
can also be used for standard thermal characterization
such as component, PCBs, cold plates, etc.
The chamber can accommodate up to 6 PCBs with
13 mm (0.5") card-to-card spacing or 3 PCBs with
25 mm (1") card-to-card spacing.
The test section is made of clear polycarbonate
material to accommodate smoke flow visualization.
The chamber has its own stand for placement
of instruments. The
CWT-PCB™ is placed on
castors for ease of transportation.
The
CWT-PCB™ can be fitted with different
fan trays to accommodate a broad air flow
range. Heating elements can be added for
elevated air temperature testing.
* Power supply not included.
RECOMMENDED ACCESSORIES:
OVERALL DIMENSIONS (L X W X D)
215.5 x 114.3 x 91.4 cm
(84.45 x 45 x 35.96")
TEST SECTION
60.96 x 47 x 7.62 cm
(24 x 18.5 x 3")
NUMBER OF SENSOR PORTS
18
FLOW RANGE
0 to 10 m/s (0 to 2000 ft/min)
WEIGHT
74kg (164 lbs)
POWER SUPPLY REQUIREMENTS
24VDC at 4.33 Amps
WTC-100TM
Wind Tunnel Controller
HP-97TM
High Power Component Simulator
ATVS-NxTTM
Hot Wire Anemometer


Similar Part No. - CWT-PCB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CWT-PRO NXP-CWT-PRO Datasheet
433Kb / 8P
Quick Reference Guide For CodeWarrior® Suites
Rev C
More results

Similar Description - CWT-PCB

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
CLWT-115 ATS-CLWT-115 Datasheet
431Kb / 1P
BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
R1_0215
CLWT-100 ATS-CLWT-100 Datasheet
400Kb / 1P
RESEARCH QUALITY, CLOSED LOOP WIND TUNNEL
R1_0215
CLWT-067 ATS-CLWT-067 Datasheet
397Kb / 1P
BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
R4_0215
BWT-104 ATS-BWT-104 Datasheet
624Kb / 1P
RESEARCH QUALITY BENCHTOP WIND TUNNEL
R3_0215
BWT-100 ATS-BWT-100 Datasheet
495Kb / 1P
RESEARCH QUALITY BENCHTOP WIND TUNNEL
R6_0515
CWT-100 ATS-CWT-100 Datasheet
538Kb / 1P
CONTROLLED OPEN LOOP WIND TUNNEL
R3_0215
CWT-106 ATS-CWT-106 Datasheet
600Kb / 1P
CUSTOMIZED RESEARCH QUALITY WIND TUNNEL
R3_0215
CWT-108 ATS-CWT-108 Datasheet
594Kb / 1P
UNIQUE OPEN LOOP WIND TUNNEL FOR THERMAL CHARACTERIZATION OF COMPONENTS, BOARDS AND HEAT SINKS
R3_0215
WTC-100 ATS-WTC-100 Datasheet
623Kb / 1P
WIND TUNNEL CONTROLLER
R3_0215
logo
Maxim Integrated Produc...
MAX1472EVKIT MAXIM-MAX1472EVKIT Datasheet
458Kb / 5P
Multiple Test Points Provided On-Board
Rev 1; 11/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com