Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS818 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SBS818
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBS818 Datasheet(HTML) 3 Page - ON Semiconductor

  SBS818 Datasheet HTML 1Page - ON Semiconductor SBS818 Datasheet HTML 2Page - ON Semiconductor SBS818 Datasheet HTML 3Page - ON Semiconductor SBS818 Datasheet HTML 4Page - ON Semiconductor SBS818 Datasheet HTML 5Page - ON Semiconductor SBS818 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
0.5
1.5
1.0
2.0
2.5
0
25
50
125
100
75
150
IT13215
(3)
(5)
(1)
(2) (4)
0
0.5
1.5
1.0
2.0
2.5
0
25
50
125
100
75
150
IT13216
(3)
(5)
(1)
(2) (4)
0.01
23
7
0.1
0
52
2
37
1.0
5
24
20
16
12
8
4
3
IT13214
0.1
1.0
10
100
10
2
3
5
2
3
5
7
23
5
7
2
3
3
55
72
IT13217
Average Output Current, IO -- A
PF(AV) -- IO
180
°
360
°
Sine wave
θ
360
°
Rectangular
wave
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Ta -- IO
θ
360
°
180
°
360
°
Rectangular
wave
Sine
wave
Average Output Current, IO -- A
PR(AV) -- VR
Average Reverse Voltage, VR -- V
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Rectangular
wave
Sine wave
θ
360
°
VR
180
°
360
°
VR
(2)
(3)
(1)
0
0
0.5
1.6
1.4
1.2
0.2
0.4
0.6
0.8
1.0
2.5
2.0
1.0
1.5
IT12199
(4)
0
0.0E+00
1.0E--03
2.0E--03
3.0E--03
10
5
3.5E--03
5.0E--04
1.5E--03
2.5E--03
20
15
25
30
35
IT12200
(1)
(2)
(3)
(4)
IFSM -- t
Time, t -- s
IS
20ms
t
Current waveform 50Hz sine wave
C -- VR
Reverse Voltage, VR -- V
f=1MHz
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
(5)DC
Ta -- IO
θ
360
°
180
°
360
°
Rectangular
wave
Sine
wave
Average Output Current, IO -- A
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
(5)DC
SBS818
No. A0471-3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com