Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS818 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SBS818
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBS818 Datasheet(HTML) 1 Page - ON Semiconductor

  SBS818 Datasheet HTML 1Page - ON Semiconductor SBS818 Datasheet HTML 2Page - ON Semiconductor SBS818 Datasheet HTML 3Page - ON Semiconductor SBS818 Datasheet HTML 4Page - ON Semiconductor SBS818 Datasheet HTML 5Page - ON Semiconductor SBS818 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications
•
High frequency rectification (switching regulators, converters, choppers)
Features
•
Low switching noise
•
Low forward voltage (IF=2.0A, VF max=0.52V)
•
Ultrasmall package permitting applied sets to be small and slim (Mounting height 0.75mm)
Specifications
Absolute Maximum Ratings at Ta=25°C (Value per element)
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
30
V
Average Output Current
I
O
When mounted on ceramic substrate (900mm2×0.8mm)
2.0
A
When mounted on glass epoxy substrate (0.96mm2×0.03mm)
1.5
A
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
20
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7045-004
Ordering number : ENA0471A
Product & Package Information
• Package
: EMH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
TL
1 : Anode1
2 : NC
3 : Anode2
4 : Anode2(NC)
5 : Cathode2
6 : Cathode2
7 : Cathode1
8 : Cathode1
EMH8
1
4
85
0.125
0.5
2.0
0.2
SBS818-TL-E
SD
Lot No.
23
4
1
76
5
8
*: Terminal 4 is used for the
purposes such as test. Al-
though it is connected to
Anode 2, please handle it
as NC Terminal.
91912 TKIM TC-00002809/51408SB TIIM TC-00001363 No. A0471-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SBS818
Schottky Barrier Diode
30V, 2A, Low VF, Non-Monolithic Dual EMH8 Common Cathode
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - SBS818

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
More results

Similar Description - SBS818

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com