Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS3003CH
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS3003CH Datasheet(HTML) 2 Page - ON Semiconductor

  SS3003CH Datasheet HTML 1Page - ON Semiconductor SS3003CH Datasheet HTML 2Page - ON Semiconductor SS3003CH Datasheet HTML 3Page - ON Semiconductor SS3003CH Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=2.0mA
30
V
Forward Voltage
VF
IF=2.0A
0.335
0.385
V
IF=3.0A
0.37
0.42
V
Reverse Current
IR
VR=15V
1.4
mA
Interterminal Capacitance
C
VR=10V, f=1MHz
90
pF
Reverse Recovery Time
trr
IF=IR=100mA
20
ns
Thermal Resistance
Rth(j-a)
When mounted on ceramic substrate (900mm2
×0.8mm)
50
°C / W
trr Test Cicuit
Ordering Information
Device
Package
Shipping
memo
SS3003CH-TL-E
CPH6
3,000pcs./reel
Pb-Free
SS3003CH-TL-W
CPH6
3,000pcs./reel
Pb-Free and Halogen Free
Duty≤10%
50Ω
100Ω
10Ω
--5V
trr
10µs
0
0.10.2
IT09872
0.01
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
0.6
0.30.4
0.5
(2) (3)
(1)
0
0
0.5
1.8
1.6
1.4
0.2
0.4
0.6
0.8
1.0
1.2
3.5
2.53.0
2.0
1.01.5
IT09874
(4)
Forward Voltage, VF -- V
IF -- VF
Average Output Current, IO -- A
PF(AV) -- IO
(1)Rectangular wave θ=60°
(2)Rectangular wave θ=120°
(3)Rectangular wave θ=180°
(4)Sine wave θ=180°
180°
360°
Sine wave
θ
360°
Rectangular
wave
0
0
0.004
0.008
0.012
10
5
0.016
0.002
0.006
0.010
0.014
20
15
30
25
35
IT10607
(1)
(2)
(3)
(4)
10
0
35
IT09873
0.1
1.0
10
100
1k
10k
100k
1000k
20
15
52530
Ta=125°C
100°C
75°C
50°C
25°C
0°C
--25°C
Reverse Voltage, VR -- V
IR -- VR
PR(AV) -- VR
Average Reverse Voltage, VR -- V
(1)Rectangular wave θ=300°
(2)Rectangular wave θ=240°
(3)Rectangular wave θ=180°
(4)Sine wave θ=180°
Rectangular
wave
Sine wave
θ
360°
VR
180°
360°
VR
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.
SS3003CH
No.8992-2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com