Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3003CH Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS3003CH
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS3003CH Datasheet(HTML) 1 Page - ON Semiconductor

  SS3003CH Datasheet HTML 1Page - ON Semiconductor SS3003CH Datasheet HTML 2Page - ON Semiconductor SS3003CH Datasheet HTML 3Page - ON Semiconductor SS3003CH Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
Applications
Highfrequencyrectification(switchingregulators,converters,choppers)
Features
Smallswitchingnoise
Halogen free compliance
Lowforwardvoltage(IF=3A,VFmax=0.42V)
Ultrasmall package permitting applied sets to be small and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
30
V
Average Output Current
IO
3.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
20
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit:mm(typ)
7018A-012
Ordering number : EN8992B
Product & Package Information
•Package
:CPH6
•JEITA,JEDEC
:SC-74,SOT-26,SOT-457
•MinimumPackingQuantity :3,000pcs./reel
Packing Type: TL
Marking
Electrical Connection
2
65
4
13
TL
1 : Cathode
2 : Cathode
3 : No contact
4 : Anode
5 : Cathode
6 : Cathode
CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
SS3003CH-TL-E
SS3003CH-TL-W
61714HKTC-00002879/91912TKIM/32406MSIMSBNo.8992-1/4
http://onsemi.com
SemiconductorComponentsIndustries,LLC,2014
June, 2014
SS3003CH
Schottky Barrier Diode
30V, 3.0A, Low VF, Single CPH6
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - SS3003CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
ON Semiconductor
SS3003CH ONSEMI-SS3003CH Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
SS3003CH-TL-E ONSEMI-SS3003CH-TL-E Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
SS3003CH-TL-W ONSEMI-SS3003CH-TL-W Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
SS3003CH ONSEMI-SS3003CH_V01 Datasheet
150Kb / 5P
Shottky Barrier Diode, Low VF, Single CPH6 30 V, 3.0 A
September, 2023 - Rev. 3
More results

Similar Description - SS3003CH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com