Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161PCTXG Datasheet(PDF) 13 Page - ON Semiconductor

Part # LE25S161PCTXG
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LE25S161PCTXG Datasheet HTML 9Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 10Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 11Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 12Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 13Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 14Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 15Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 16Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
LE25S161
www.onsemi.com
13
9. Status Registers
The status registers hold the operating and setting statuses inside the device, and this information can be read by Read
Status Register (RDSR) and the protect informat ion can be rewritten by Write Status Register (WRSR). There are 8 b its in
total, and "Table 3. Status registers" gives the significance of each bit.
Table 3. Status Registers
Bit
Name
Logic
Function
Power-on Time Inf ormation
Bit0
RDY
0
Ready
0
1
Erase/Program
Bit1
WEN
0
Write disabled
0
1
Write enabled
Bit2
BP0
0
Block protect inf ormation
Protected area switch
Nonv olatile inf ormation
1
Bit3
BP1
0
1
Bit4
BP2
0
1
Bit5
TB
0
Block protect
Upper side/Lower side switch
Nonv olatile inf ormation
1
Bit6
SUS
0
Erase/Program is not suspended
0
1
Erase/Program suspended
Bit7
SRWP
0
Write Status Register enabled
Nonv olatile inf ormation
1
Write Status Register disabled
Note: All non-v olatile bits of the status registers-1 are set "0" in the f actory .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com