Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S161PCTXG Datasheet(PDF) 41 Page - ON Semiconductor

Part # LE25S161PCTXG
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161PCTXG Datasheet(HTML) 41 Page - ON Semiconductor

Back Button LE25S161PCTXG Datasheet HTML 37Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 38Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 39Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 40Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 41Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 42Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 43Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 44Page - ON Semiconductor LE25S161PCTXG Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
LE25S161
www.onsemi.com
41
Parameter Table : JDEC Basic Flash Parameter Tables (f rom 13th DWORD to 16th DWORD)
Description
Comment
By te
Address
(Hex)
Bits
Data
(Binary )
Data
(Hex)
Program Resume Instruction
(program operation)
30h (as same as erase resume)
70h
7:0
0011_0000b
30h
Program Suspend Instruction
(program operation)
B0h (as same as erase suspend)
71h
15:8
1011_0000b
B0h
Resume Instruction
(write or erase ty pe operation)
30h (as same as program resume)
72h
23:16
0011_0000b
30h
Suspend Instruction
(write or erase ty pe operation)
B0h (as same as program suspend)
73h
31:24
1011_0000b
B0h
Reserv ed
74h
1:0
00b
04h
Status Register Polling
Dev ice Busy
Use legacy polling by reading the Status Register
with 05h instruction
7:2
0000_01b
Exit Deep Power down to next
operation delay
40
µs: ((4+1)*8µs=40µs)
75h
14:8
10_00100b
C4h
Exit Deep Power down Instruction
ABh
15
1010_1011b
76h
22:16
D5h
Enter Deep Power down Instruction
B9h
23
1011_1001b
77h
30:24
5Ch
Deep Power down Supported
0=support 1=not support
31
0b
(4-4-4) Mode Disable Sequences
-
78h
3:0
0000b
00h
(4-4-4) Mode Enable Sequences
-
7:4
0000b
79h
8
0b
00h
(0-4-4) Mode supported
0=not support 1=support
9
0b
(0-4-4) Mode Exit Method
-
15:10
00_0000b
(0-4-4) Mode Entry Method
-
7Ah
19:16
0000b
00h
Quad Enable requirements (QER)
00b:not hav e a QE bit
22:20
000b
Hold and WP Disable
0: not supported
23
0b
Reserv ed
-
7Bh
31:24
0000_0000b
00h
Volatile or Non-Vol atile Register and
Write Enable Instruction f or Status
Register 1
xxx_xxx1b: Non-Volatile St at us Register 1, powers-up to
last written value, use
instruction 06h to enable write
xx1_xxxxb: Stat us Register 1 contai ns a mix of volatile and
non- vol atile bits . The 06h instruc tion is used to enable
writing of the register.
7Ch
6:0
001_1001b
19h
Reserv ed
-
7
0b
Sof t Reset and
Rescue Sequence Support
Issue reset enable instruction 66h, and then issue
reset instruction 99h.
7Dh
13:8
01_0000b
10h
Exit 4-By te Addressing
15:14
00b
7Eh
23:16
0000_0000b
00h
Enter 4-By te Addressing
7Fh
31:24
0000_0000b
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com