Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100355F Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100355F
Description  Low Power Quad Multiplexer/Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100355F Datasheet(HTML) 5 Page - National Semiconductor (TI)

  100355F Datasheet HTML 1Page - National Semiconductor (TI) 100355F Datasheet HTML 2Page - National Semiconductor (TI) 100355F Datasheet HTML 3Page - National Semiconductor (TI) 100355F Datasheet HTML 4Page - National Semiconductor (TI) 100355F Datasheet HTML 5Page - National Semiconductor (TI) 100355F Datasheet HTML 6Page - National Semiconductor (TI) 100355F Datasheet HTML 7Page - National Semiconductor (TI) 100355F Datasheet HTML 8Page - National Semiconductor (TI) 100355F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Military Version
AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
t
PHL
D
na–Dnd to Output
0.40
2.30
0.50
2.20
0.50
2.60
ns
(Transparent Mode)
t
PLH
Propagation Delay
Figures 1, 2
(Notes 8, 9,
10)
t
PHL
S
0,S1 to Output
0.60
3.00
0.80
2.70
0.80
3.20
ns
(Transparent Mode)
t
PLH
Propagation Delay
0.50
2.60
0.60
2.30
0.70
2.70
ns
t
PHL
E
1,E2 to Output
t
PLH
Propagation Delay
0.60
2.80
0.70
2.60
0.70
2.90
ns
Figures 1, 3
(Notes 8, 9,
10)
t
PHL
MR to Output
t
TLH
Transition Time
0.40
1.90
0.40
1.90
0.40
1.90
ns
Figures 1, 2
(Note 11)
t
THL
20% to 80%,80% to 20%
t
S
Setup Time
D
na–Dnd
0.90
0.90
0.90
ns
Figure 4
(Note 11)
S
0,S1
2.40
2.40
2.40
MR (Release Time)
1.50
1.50
1.50
Figure 3
t
H
Hold Time
D
na–Dnd
0.40
0.40
0.40
ns
Figure 4
(Note 11)
S
0,S1
0.00
0.00
0.00
t
pw (L)
Pulse Width LOW E
1,E2
2.00
2.00
2.00
ns
Figure 2
(Note 11)
t
pw (H)
Pulse Width HIGH MR
2.00
2.00
2.00
ns
Figure 3
(Note 11)
Note 8: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
without allowing for the junction temperature to stabilize due to heat dissipation after power-up. This provides “cold start” specs which can be considered a worst case
condition at cold temperatures.
Note 9: Screen tested 100% on each device at +25˚C, Temperature only, Subgroup A9.
Note 10: Sample tested (Method 5005, Table 1) on each Mfg. lot at +25˚, Subgroup A9, and at +125˚C, and −55˚C Temp., Subgroups A10 & A11.
Note 11: Not tested at +25˚C, +125˚C and −55˚C Temperature (design characterization data).
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com