Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100355F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100355F
Description  Low Power Quad Multiplexer/Latch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100355F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100355F Datasheet HTML 1Page - National Semiconductor (TI) 100355F Datasheet HTML 2Page - National Semiconductor (TI) 100355F Datasheet HTML 3Page - National Semiconductor (TI) 100355F Datasheet HTML 4Page - National Semiconductor (TI) 100355F Datasheet HTML 5Page - National Semiconductor (TI) 100355F Datasheet HTML 6Page - National Semiconductor (TI) 100355F Datasheet HTML 7Page - National Semiconductor (TI) 100355F Datasheet HTML 8Page - National Semiconductor (TI) 100355F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
100355
Low Power Quad Multiplexer/Latch
General Description
The 100355 contains four transparent latches, each of which
can accept and store data from two sources. When both En-
able (E
n) inputs are LOW, the data that appears at an output
is controlled by the Select (S
n) inputs, as shown in the Oper-
ating Mode table. In addition to routing data from either D
0 or
D
1, the Select inputs can force the outputs LOW for the case
where the latch is transparent (both Enables are LOW) and
can steer a HIGH signal from either D
0 or D1 to an output.
The Select inputs can be tied together for applications re-
quiring only that data be steered from either D
0 or D1.A
positive-going signal on either Enable input latches the out-
puts. A HIGH signal on the Master Reset (MR) input over-
rides all the other inputs and forces the Q outputs LOW. All
inputs have 50 k
Ω pulldown resistors.
Features
n Greater than 40% power reduction of the 100155
n 2000V ESD protection
n Pin/function compatible with 100155
n Voltage compensated operating range = −4.2V to −5.7V
n Standard Microcircuit Drawing
(SMD) 5962-9165401
Logic Symbol
Pin Names
Description
E
1,E2
Enable Inputs (Active LOW)
S
0,S1
Select Inputs
MR
Master Reset
D
na–Dnd
Data Inputs
Q
a–Qd
Data Outputs
Q
a–Qd
Complementary Data Outputs
Connection Diagrams
DS100294-1
24-Pin DIP
DS100294-2
24-Pin Quad Cerpak
DS100294-3
August 1998
© 1998 National Semiconductor Corporation
DS100294
www.national.com


Similar Part No. - 100355F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100355 FAIRCHILD-100355 Datasheet
88Kb / 10P
Low Power Quad Multiplexer/Latch
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
Low Power Quad Multiplexer/Latch
logo
Fairchild Semiconductor
100355PC FAIRCHILD-100355PC Datasheet
88Kb / 10P
Low Power Quad Multiplexer/Latch
100355QC FAIRCHILD-100355QC Datasheet
88Kb / 10P
Low Power Quad Multiplexer/Latch
100355QI FAIRCHILD-100355QI Datasheet
88Kb / 10P
Low Power Quad Multiplexer/Latch
More results

Similar Description - 100355F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10173 ONSEMI-MC10173 Datasheet
109Kb / 5P
Quad 2-Input Multiplexer/Latch
1996 REV 5
logo
Fairchild Semiconductor
100355 FAIRCHILD-100355 Datasheet
88Kb / 10P
Low Power Quad Multiplexer/Latch
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355 Datasheet
114Kb / 7P
QUAD MULTIPLEXER/LATCH
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
QUAD 2-INPUT MULTIPLEXER / LATCH
logo
ON Semiconductor
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355_06 Datasheet
98Kb / 8P
QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_07 Datasheet
90Kb / 6P
QUAD MULTIPLEXER/LATCH
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
Low Power Quad Multiplexer/Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com