Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3603 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP3603
Description  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP3603 Datasheet HTML 7Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 8Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 10Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 11Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 12Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 13Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 14Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 11 -
12. Application Information
12.1
Output Voltage Setting
Output voltage is settled by feedback resistors that are connected between the output capacitor and the GND.
The value of R3, R4 (output capacitor-FB pin) and R5, R6(FB pin-GND1) is calculated by the next
equations.
]
V
[
R4
R3
1
6
.
3
Vout
CH1
  
=
]
V
[
R6
R5
1
6
.
3
Vout
CH2
  
=
12.2
Operational Frequency Setting
Operational frequency is settled by the resistor R7 between the RT pin and the GND. The value of the
resistor is calculated by the next equations.
12.3
Maximum ON Duty Setting
Maximum On duty is settled by the resistor between MDC pin and GND. The value of the resistor is
calculated by the next equations.
RMDC [Ω]
Duty(typ) [%]
10k
60%
27k
70%
47k
80%
82k
90%
127k or more
(Note 6)
Note 6. Maximum ON duty is fixed by the operational frequency and minimum off time 250ns (typ). If
f>250kHz, duty may be limited by the minimum off time of the IC.
]
[
100
Frequency)
250ns
1
(
Duty
Max
%
  
 
=
12.4
Maximum Output Voltage
The maximum output voltage depends on maximum ON duty. It is estimated by the next equation.
[V]
Duty
1
.
1
Vin
Vout
Max
  
=
]
[
4
1.5V
3.2pF
1.2V
Hz
Frequency
5
.
0
R7
Ω
  
 
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com