Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3603 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP3603
Description  High Power Dual Output Step-Up DC-DC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP3603 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP3603 Datasheet HTML 9Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 10Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 11Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 12Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 13Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 14Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 15Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 16Page - Asahi Kasei Microsystems AP3603 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
[AP3603]
015000004-E-02
2015/07
- 13 -
14. Typical Characteristics
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
7
8
9
10
11
12
Vin=6.0[V]
Vin=7.0[V]
Vin=8.0[V]
Vin=9.0[V]
Vin=10.0[V]
Vin=11.0[V]
Vin=12.0[V]
Iout[A]
1.18
1.187
1.193
1.2
1.207
1.213
1.22
-50
0
50
100
150
Ta[℃]
Figure 9. Vref vs. Ta
10.8
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
13.2
0
1
2
3
4
5
6
7
8
9
10
11
12
Vin= 6.0[V]
Vin= 7.0[V]
Vin= 8.0[V]
Vin= 9.0[V]
Vin=10.0[V]
Vin=11.0[V]
Vin=12.0[V]
Iout[A]
Figure 11. Load Regulation 12V Output
10.8
11.0
11.2
11.4
11.6
11.8
12.0
12.2
12.4
12.6
12.8
13.0
13.2
6
7
8
9
10
11
12
Iout= 0.0[A]
Iout= 1.0[A]
Iout= 2.0[A]
Iout= 3.0[A]
Iout= 4.0[A]
Iout= 5.0[A]
Iout= 6.0[A]
Iout= 7.0[A]
Iout= 8.0[A]
Iout= 9.0[A]
Iout=10.0[A]
Iout=11.0[A]
Iout=12.0[A]
Vin[V]
Figure 10. Line Regulation 12V Output
Figure 8. Efficiency 12V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com