Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4201 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 17Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 18Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 19Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 20Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 21Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 22Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 23Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 24Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
[AP4201]
015008157-E-00
- 21 -
2015/09
10.5. Input Voltage Range (VIN)
Basically, the input voltage range is 8V~24V. It can be changed to 4.5~5.5V by shorting the VIN pin and the
VDC1 pin when 5V power supply is used. A normal operation cannot be guaranteed with an input that is in the
range of 5.5V~8V.
Table 11. Input Voltage Range
Input Voltage Range 1
Input Voltage Range 2
8V~24V
1
mF
1
mF
VIN
VDC
4.5V~5.5V
1
mF
VIN
VDC
10.6. POR Operation (Power on Reset)
The internal POR circuit releases reset state after a specific period of time (t1) when a power supply more than
6V is applied to the VIN pin. Do not input a command code via the interface for specific period of time (t2)
after releasing reset state for a certain stabilization of the internal oscillation frequency. The following figure
shows the POR timing when power is applied. During the “t1” period, a command from the interface is not
accepted. Please note, that a command accepted during the “t2” period may be interpreted incorrectly.
VIN
6V(VINset)
Vset
8V~36V
t1
t2
Reset release
Internal
5.0V LDO
Internal POR
Reset
SCI-I/F
can be entered
5V
Figure 6. POR Operation (Power on Reset)
Table 12. POR Timing when Power Applied
Parameter
min
typ
max
Unit
Note
t1
-
-
2800
ms
VIN pin voltage > 6V, IDC1= -30mA.
Bypass capacitor between the VDC pin and GND CVDC=1.0mF.
t2
-
-
200
ms
Stabilization time of internal power
Note 17. As shown above, the AP4201 is in normal operation after 3msec at maximum from the time the VIN
voltage reaches 6V. In the case of “Input Voltage Range 2”, the AP4201 is in normal operation after 3mec
from the time the VIN voltage reaches 4.5V.
Note 18. In case that the internal POR circuit is reset by decreasing VIN voltage follows the prescribed times
above.
8V~24V
1.8V
VDC2
Signal input
available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com