Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4201 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP4201
Description  27ch 100mA LED Driver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4201 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP4201 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 15Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 16Page - Asahi Kasei Microsystems AP4201 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
[AP4201]
015008157-E-00
- 13 -
2015/09
10.
Functional Descriptions
10.1. Operation Outline
The AP4201 controls external LED lights using the data that can be configured by two types of interfaces
(4-wire SCI control, serial F/F control). Fixed current output or open drain can be selected by the DRSET pin
setting. LED lighting is performed by switching the LED current using internal MOSFET controlled by the
PWM method. In this case, LED current will be set by an external resistor which is connected to each LED pin
when open drain is selected. When fixed current is selected, LED current will be set by an external resistor
which is connected to each RGB line, and the all LED pins in the same color are set with the same value.
The AP4201 has an IC address configured by OPEN/SHORT setting of the A0 to A4 pins, and the LED pin
addresses that are determined through the SCI interface. By using this IC address configuration,
diversification of the LED lighting across multiple AP4201s in a single BUS can be achieved.
By using the OENB pin, all LEDs can be simultaneously turned off regardless of the signal from the SCI
interface. However, this is not the lowest power consumption state because the LED gradation data is still
being held even while all LEDs are turned off.
Table 3. Description Table for Setting Pins
DRSET pin
DRSET setting result
SCIEN pin
SCIEN setting result
Connect to GND (“L”)
Open drain output
Connect to GND (“L”)
Serial F/F control
OPEN (“H”)
Fixed current output
OPEN (“H”)
SCI control
PWMSET pin
Dimming PWM frequency[Hz] (same as period[µs]) (typ)
Connect to GND (“L”)
1830Hz (546µs)
Connect to VDC (“H”)
2745Hz (364µs)
10.2. SCI Interface Command
Table 4. Command Description (Hereinafter initial “16-bit” data transmission is called command part)
Instruction
Content
Function
Description
Instruction
Designate instruction contents by initial “4-bit”
-
“A4~A0”
Assign the IC address
Instructions for a different configured address
(set by these pins) are ignored. (“H” display)
“RW”
“1”= Write
“0”= Read
-
“ALL”
“1”= All LED pins (all RGB sets)
“0”= Base on ch3~ch0 setting
Give the priority to the setting of “ch3~ch0”
“RST”
“1”= LED gradation PWM output stop
“0”= Normal operation setting value
Set to [1] only in case of PWM output stopped
Stopped in case of「RW」=「ALL」=「RST」
= “1”
“ch3~ch0”
Assign RGB sets in case of ALL= “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com