Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3318G Datasheet(PDF) 1 Page - AUK corp

Part # SW3318G
Description  High Brightness LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SW3318G Datasheet(HTML) 1 Page - AUK corp

  SW3318G Datasheet HTML 1Page - AUK corp SW3318G Datasheet HTML 2Page - AUK corp SW3318G Datasheet HTML 3Page - AUK corp SW3318G Datasheet HTML 4Page - AUK corp SW3318G Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KLW-3001-000
1
SW3318-G / SW3318-G(B)
High Brightness LED Lamp
Features
• Colorless transparency lens type
• φ3mm(T-1) all plastic mold type
• White emission color : X=0.22~0.36
Y=0.22~0.36
• Viewing angle : 22o
• Super luminosity
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
STRAIGHT TYPE
STOPPER TYPE
PIN Connections
1.Anode
2.Cathode
23.0 MIN
23.0 MIN
1
3.8±0.2
2.54 NOM
3.8±0.2
2
1
2.54 NOM
3.6±0.2
1.0 MIN
3.6±0.2
2
1.0 MIN
3.0±0.2
4.1±0.2
2.9±0.2
0.4
0.4
3.0±0.2
4.1±0.2
5.5±0.5
2.9±0.2


Similar Part No. - SW3318G

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3318-C-A TTELEC-SW3318-C-A Datasheet
300Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 30WATT
22/05/2020
logo
AUK corp
SW3318E-G AUK-SW3318E-G Datasheet
281Kb / 6P
High Brightness White LED Lamp
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
LAMP LED
logo
AUK corp
SW3318E-GB AUK-SW3318E-GB Datasheet
281Kb / 6P
High Brightness White LED Lamp
More results

Similar Description - SW3318G

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
High Brightness LED Lamp
logo
LUXPIA
LGH5236 LUXPIA-LGH5236 Datasheet
140Kb / 6P
High Brightness LED Lamp
LBH5020 LUXPIA-LBH5020 Datasheet
131Kb / 6P
High Brightness LED Lamp
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
High Brightness LED Lamp
logo
DOMINANT Semiconductors
L3W-U60E0 DOMINANT-L3W-U60E0 Datasheet
1Mb / 15P
High brightness LED lamp
L5X-EXX DOMINANT-L5X-EXX Datasheet
878Kb / 15P
High brightness LED lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com