Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3318G Datasheet(PDF) 2 Page - AUK corp

Part # SW3318G
Description  High Brightness LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SW3318G Datasheet(HTML) 2 Page - AUK corp

  SW3318G Datasheet HTML 1Page - AUK corp SW3318G Datasheet HTML 2Page - AUK corp SW3318G Datasheet HTML 3Page - AUK corp SW3318G Datasheet HTML 4Page - AUK corp SW3318G Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KLW-3001-000
2
SW3318-G / SW3318-G(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
85
mW
Forward Current
IF
20
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25∼85
Storage Temperature
Tstg
-30∼100
*2Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Recommend document
-. LED is very sensitive to ESD.
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
`` Forward Voltage
VF
IF= 20mA
-
3.4
4.2
V
*5 Luminous Intensity
IV
IF= 20mA
-
500
-
mcd
X
0.21
-
0.29
-
*3Chromaticity Coordinates
Y
IF= 20mA
0.19
-
0.33
-
Reverse Current
IR
VR=4V
-
-
40
uA
*4Half angle
θ1/2
IF= 20mA
-
±45
-
deg
*3. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent
the perceived color of the device.
*4. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*5. Luminous Intensity Maximum tolerance for each Grade Classification limit is ±18%
*5. Luminous Intensity classification
O
P
350~520 520~780
230~350
N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com