Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11C91D Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C91D
Description  650 MHz Prescalers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C91D Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 11C91D Datasheet HTML 2Page - National Semiconductor (TI) 11C91D Datasheet HTML 3Page - National Semiconductor (TI) 11C91D Datasheet HTML 4Page - National Semiconductor (TI) 11C91D Datasheet HTML 5Page - National Semiconductor (TI) 11C91D Datasheet HTML 6Page - National Semiconductor (TI) 11C91D Datasheet HTML 7Page - National Semiconductor (TI) 11C91D Datasheet HTML 8Page - National Semiconductor (TI) 11C91D Datasheet HTML 9Page - National Semiconductor (TI) 11C91D Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Functional Description (Continued)
The ECL outputs have no pull-down resistors and can drive
series or parallel terminated transmission lines For short
interconnections that do not require impedance matching a
270X to 510X resistor to VEE can be used to establish the
VOL level Both VCC pins must always be used and should
be connected together as close to the package as possible
Pin 12 must always be connected to the VEE side of the
supply while pin 13 is required only if the TTL output is
used Low impedance VCC and VEE distribution and RF by-
pass capacitors are recommended to prevent crosstalk
Logic Diagram 11C90
TLF9892 – 6
Note
This diagram is provided for understanding of logic operation only It should not be used for evaluation of propagation delays as many internal functions are
achieved more efficiently than shown
Count Sequence Table 11C90
TLF9892 – 7
Note
A HIGH on MS forces all Qs HIGH
Operating Mode Table 11C90
Inputs
Output
MS
CE
M1
M2
Response
H
X
X
X
Set HIGH
L
H
X
X
Hold
LLLL
d
11
LL
H
X
d
10
LL
X
H
d
10
H e HIGH Voltage Level
L e LOW Voltage Level
X e Don’t Care
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com