Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11C91D Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C91D
Description  650 MHz Prescalers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C91D Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 11C91D Datasheet HTML 2Page - National Semiconductor (TI) 11C91D Datasheet HTML 3Page - National Semiconductor (TI) 11C91D Datasheet HTML 4Page - National Semiconductor (TI) 11C91D Datasheet HTML 5Page - National Semiconductor (TI) 11C91D Datasheet HTML 6Page - National Semiconductor (TI) 11C91D Datasheet HTML 7Page - National Semiconductor (TI) 11C91D Datasheet HTML 8Page - National Semiconductor (TI) 11C91D Datasheet HTML 9Page - National Semiconductor (TI) 11C91D Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Logic Diagram 11C91
TLF9892 – 8
Count Sequence Table 11C91
TLF9892 – 9
Note
A HIGH on MS forces all Qs HIGH
Operating Mode Table 11C91
Inputs
Output
MS
CE
M1
M2
Response
H
X
X
X
Set HIGH
L
H
X
X
Hold
LLLL
d
6
LL
X
H
d
5
LL
H
X
d
5
H e HIGH Voltage Level
L e LOW Voltage Level
X e Don’t Care
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
11C9091
D
C
QR
Device Number
Special Variations
(basic)
QR e Commercial grade device
with burn-in
Package Code
D e Ceramic Dual In-Line
Temperature Range
C e Commercial (0 Cto a85 C)
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com