Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP500IP Datasheet(PDF) 2 Page - Powerbox

Part # DP500IP
Description  Very high transient robustness
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DP500IP Datasheet(HTML) 2 Page - Powerbox

  DP500IP Datasheet HTML 1Page - Powerbox DP500IP Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
2
Doc. No. DP500IP Series Rev.A 23-9-15
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
DP500IP Series
7 2 0 - 8 2 8 W A T T S H I G H S U R G E A C / D C S U P P L Y
MODEL NUMBER
OUTPUT VOLTAGE
OUTPUT CURRENT
PEAK CURRENT
POWER
DP500IP-12
12VDC
40A
60A
720W
DP500IP-13.8
13.8VDC
40A
60A
828W
DP500IP-24
24VDC
20A
30A
720W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com