Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP500IP Datasheet(PDF) 1 Page - Powerbox

Part # DP500IP
Description  Very high transient robustness
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DP500IP Datasheet(HTML) 1 Page - Powerbox

  DP500IP Datasheet HTML 1Page - Powerbox DP500IP Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. DP500IP Series Rev.A 23-9-15
1
DP500IP Series
7 2 0 - 8 2 8 W A T T S H I G H S U R G E A C / D C S U P P L Y
FEATURES
•
720W - 828W
•
Water Resistant IP67
•
Very high transient robustness
•
High Surge Current
•
Ideal for Motors and Pumps
•
Extensive protection
•
Very low standby power
•
No Inrush Current
•
Active PFC
•
High Operating temperature
•
Chassis Mounting
SPECIFICATIONS
INPUT
Input voltage range
85 - 276Vac
Frequency
45-65Hz
Power factor
> 0.98
Input Fuse
T10A / 250V Internal
Additional external fuse is not necessary
Input Current
Max 3.5A @ 230Vac at nominal load
Transient voltage
Varistor (4.5kA/120J)
protection
Inrush current
No inrush current,
(active regulated limitation)
OUTPUT
Output voltage
12Vdc, 13.8Vdc, 24Vdc,
See Selection Table
Output current
See Selection Table
Output current
See Selection Table
Current Limiting
150% for 5s power boost
No load power consumption
Typ. < 2W
Start with
capacitive loading
No limit
Voltage Tolerance
+/-1% over range
Turn on delay
< 1 sec
Ripple and Noise
<150mVpp
Line regulation
<0.2% (typ.0.02%)
Load regulation
<0.5%
Rise Time
<50ms
ENVIRONMENTAL
Operating temperature
-25˚C...+85˚C (55...85˚C:Derating 1.5%/˚C)
Humidity
100%
Over temperature
Protective shut down,
self reset after cool down
Cooling
Cooling via contact to mounting surface
Max altitude
4000m
Formation of ice
Allowed
OPERATING
Signals
Green LED 'DC OK'
Blinking, DC not ok
Efficiency
93%
Isolation
Input/Output + Chassis 3kVac
Output/Chassis: 500Vdc
MTBF
>1,000,000h, IEC1709 (SN 29 500)
STANDARDS
Electrical safety
EN60950, EN50178, GOST
EMC
EN55011 Class B, EN61000-6-2
Current Harmonics
EN61000-3-2
HF-Emission
EN55011 Class B
Immunity
EN61000-6-2
Insulation voltage
EN60950
MECHANICAL
Dimensions
185 x 56 x 134mm , See Technical Illustrations
Degree of protection
IP67
Input Connector
Cable without connector plug
(length 1m), 3-pole (L, N, PE)
Conductor cross section 1,5 mm² (AWG16)
Output Connector
Cable without connector plug (length 1m),
@ 24V 2-pole - black (GND), white (+)
Ø AWG 12 (3,3mm²)
@ 12V 2-pole - black (GND), red (+) Ø 6mm²


Similar Part No. - DP500IP

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP500 AUK-DP500 Datasheet
51Kb / 3P
PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
logo
KODENSHI_AUK CORP.
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
Suitable for low voltage large current drivers
logo
3M Electronics
DP5001 3M-DP5001 Datasheet
144Kb / 7P
3M??Scotch-Weld??Polyurethane Sealant DP5001, BLACK
logo
MTU Onsite Energy Corpo...
DP500D6S MTU-DP500D6S Datasheet
348Kb / 4P
DIESEL GENERATOR SET
logo
AUK corp
DP500F AUK-DP500F Datasheet
47Kb / 3P
PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
More results

Similar Description - DP500IP

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
Excellent receiver sensitivity and robustness to interference
logo
Infineon Technologies A...
FD800R45KL3-K_B5 INFINEON-FD800R45KL3-K_B5_15 Datasheet
611Kb / 12P
High Dynamic Robustness
2015-09-14 revision:3.0
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Analog Devices
ADUM150N AD-ADUM150N Datasheet
536Kb / 22P
High robustness to radiated and conducted noise
Rev. 0
logo
STMicroelectronics
STEVAL-IHT005V2 STMICROELECTRONICS-STEVAL-IHT005V2 Datasheet
403Kb / 4P
Relay to demonstrate board noise robustness
05-Aug-2013
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
Reliability and robustness
logo
Maxim Integrated Produc...
MAX25512EVKIT MAXIM-MAX25512EVKIT Datasheet
859Kb / 16P
Demonstrates Robustness of MAX25512
Rev 0; 5/21
logo
ams AG
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com