Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBKAM10 Datasheet(PDF) 1 Page - Powerbox

Part # PBKAM10
Description  1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBKAM10 Datasheet(HTML) 1 Page - Powerbox

  PBKAM10 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
136
FEATURES
•
AC/DC power module
•
Universal input 85 ~ 265 VAC
•
High efficiency up to 79%
•
Short circut protection
•
Internal input filter
•
71°C operation temperature
INPUT
Input voltage
85-265VAC
Input voltage range
AC in 85 - 265VAC
DC in 120 - 375
Rated input current
Vi: 115 VAC, lo nom 180-350mA
Line frequency
Vi nom, lo nom 47-63Hz
Inrush current
Vi: 115/230 VAC, lo nom 10/18A
Leakage current
Input-Output 0.25mA
OUTPUT
Voltage range
See Table
Minimum load
Vi nom, Single Output Models 0%
Vi nom, Multiple Output Models 20%
Line regulation
Lo nom, Vi min to Vi max + 1%
Load regulation
Vi nom, single Output Models + 2%
Vi nom, Multiple Output Models + 2%
Hold up time
Vi: 115/230 VAC, lo nom 15/30 ms
Rippple and noise
Vi nom, lo nom, BW = 20MHz 3.3V & 5V
100mV
12V, 15V, 24V and Dual 150mV
Efficiency
Model Dependant up to 78%
ENVIRONMENTAL
Storage temperature
Non operational -40 to +100°C
Relative humidity
Vi nom, lo nom 20-95% RH
Isolation voltage
Input-Output at 3000/4242 VAC/VDC
Ambient temperature
Operating at Vi nom, lo nom -40 to +71°C
Derating
Vi nom, from +51°C to +71°C 2% / °C
MODEL NUMBER
OUTPUT
POWER
SINGLE OUTPUT
PBKAM1003
+ 3.3 V
3000 mA
10W
PBKAM1005
+ 5V
2000 mA
10W
PBKAM1012
+12V
840 mA
10W
PBKAM1015
+15V
670 mA
10W
PBKAM1024
+24V
420 mA
10W
MULTIPLE OUTPUT
PBKAM1012D
+12V
+420mA
10W
PBKAM1015D
+15V
+335mA
10W
PBKAM10503D
+5 / +3.3V
+0.8A/+2A
10W
SELECTION TABLE
PBKAM10 Series
1 0 W A T T S - A C / D C P O W E R M O D U L E S I N G L E & M U L T I P L E O U T P U T
MECHANISM & PIN CONFIGURATION
Temperature coefficient +0.03%°C
Cooling
Free air convection
Dimension
L76.2 x W50.8 x H22.8
Switching frequency
100KHz
MTBF
Bellcore Issue 6 at 40°C, GB
Weight
160g
STANDARDS
Safety standards
UL/cUL UL 60950-1 Recognised
TUV EN 60950-1, CB Scheme
C-Tick
AS/NZ CISPR11 Group 1, Class A
EMC standards
CE EN 61000-6-3, EN 55022 Class B, EN 61000-
3-2, EN 61000-3-3, EN 61000-6-2, EN 55024
SPECIFICATIONS


Similar Part No. - PBKAM10

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAM1503 POWERBOX-PBKAM1503 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAM1505 POWERBOX-PBKAM1505 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAM1512 POWERBOX-PBKAM1512 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAM1515 POWERBOX-PBKAM1515 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
More results

Similar Description - PBKAM10

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com