Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR860MFS Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR860MFS
Description  SWITCHMODE Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR860MFS Datasheet(HTML) 2 Page - ON Semiconductor

  MBR860MFS Datasheet HTML 1Page - ON Semiconductor MBR860MFS Datasheet HTML 2Page - ON Semiconductor MBR860MFS Datasheet HTML 3Page - ON Semiconductor MBR860MFS Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR860MFS, NRVB860MFS
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance, Junction−to−Case, Steady State
(Assumes 600 mm2 1 oz. copper bond pad, on a FR4 board)
RθJC
−
2.0
°C/W
ELECTRICAL CHARACTERISTICS
Instantaneous Forward Voltage (Note 1)
(iF = 8 Amps, TJ = 125°C)
(iF = 8 Amps, TJ = 25°C)
vF
0.60
0.65
0.72
0.80
V
Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
25
0.015
75
0.150
mA
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
60
50
40
30
20
10
0
1.E−10
60
50
40
30
20
10
0
0.8
TA = 175°C
125
°C
150
°C
25
°C −40°C
0.8
0.9 1.0
TA = 175°C
125
°C
150
°C
25
°C −40°C
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00
TA = 175°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = −40°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = −40°C
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
1.E+00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com