Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR860MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR860MFS
Description  SWITCHMODE Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR860MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR860MFS Datasheet HTML 1Page - ON Semiconductor MBR860MFS Datasheet HTML 2Page - ON Semiconductor MBR860MFS Datasheet HTML 3Page - ON Semiconductor MBR860MFS Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR860MFS, NRVB860MFS
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 5. Typical Junction Capacitance
Figure 6. Current Derating TO−220AB
VR, REVERSE VOLTAGE (V)
TC, CASE TEMPERATURE (°C)
60
50
40
30
20
10
0
10
100
1,000
180
160
140
120
100
80
60
0
2
4
6
8
12
14
16
Figure 7. Forward Power Dissipation
IF(AV), AVERAGE FORWARD CURRENT (A)
4
3
2
1
0
0
1
2
3
5
6
7
8
Figure 8. Thermal Response
PULSE TIME (sec)
0.01
0.001
10
0.0001
100
0.00001
1,000
0.000001
0.001
0.01
0.1
1
10
100
TJ = 25°C
10
RqJC = 2.0°C/W
Square Wave
dc
TJ = 175°C
4
Square Wave
dc
IPK/IAV = 20
IPK/IAV = 10
IPK/IAV = 5
1
0.1
Single Pulse
50% Duty Cycle
20%
10%
5%
2%
1%
Assumes 25
°C ambient and soldered to
a 600 mm2 − oz copper pad on PCB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com