Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS30 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS30
Description  Fan Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS30 Datasheet(HTML) 1 Page - ON Semiconductor

  SS30 Datasheet HTML 1Page - ON Semiconductor SS30 Datasheet HTML 2Page - ON Semiconductor SS30 Datasheet HTML 3Page - ON Semiconductor SS30 Datasheet HTML 4Page - ON Semiconductor SS30 Datasheet HTML 5Page - ON Semiconductor SS30 Datasheet HTML 6Page - ON Semiconductor SS30 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D0110 SY 20080710-S00004 No.A1878-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
SS30
Overview
The SS30 is a 3 phase all wave sensor-less motor driver for notebook PC fans.
Feature
• Direct PWM 3 phase all wave sensor-less motor driver
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC max
6.5
V
Pre-drive voltage (gate voltage)
VG max
10
V
Output pin current
IOUT max
0.7
A
PWM input pin withstand voltage
VPWM max
VCC
V
FG output pin withstand voltage
VFG max
6.0
V
FG output current
IFG max
5.0
mA
1/2FG output pin withstand voltage
V1/2FG max
6.0
V
1/2FG output current
I1/2FG max
5.0
mA
RD output pin withstand voltage
VRD max
6.0
V
RD output current
IRD max
5.0
mA
Power dissipation 1
Pd max1
Independent IC
0.2
W
Power dissipation 2
Pd max2
Mounted on specified board *1
1.05
W
Operating temperature
Topr
*2
-30 to +95
°C
Storage temperature
Tstg
-55 to +150
°C
*1 : When mounted on 40.0mm
×50.0mm×0.8mm glass epoxy 4 Layer 2S2P board
*2 : Tj max = 150
°C. Use the IC in the range where the temperature of the chip does not exceed Tj = 150°C during operation.
Recommended Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
VCC
2.2 to 6.0
V
Bi-CMOS IC
For Notebook PC
Fan Motor Driver
Ordering number : ENA1878
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - SS30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS30 RECTRON-SS30 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
Sanyo Semicon Device
SS30 SANYO-SS30 Datasheet
197Kb / 7P
For Notebook PC Fan Motor Driver
logo
SHENZHEN YONGERJIA INDU...
SS30 WINNERJOIN-SS30 Datasheet
87Kb / 2P
Chip Schottky Barrier Diodes
logo
TOKYO SEIMITSU CO., LTD
SS30 ACCRETECH-SS30 Datasheet
581Kb / 2P
New standard for semi-automatic dicers with enhanced operability
logo
Sanyo Semicon Device
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
More results

Similar Description - SS30

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
Fan Motor Driver
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
Fan Motor Driver
LB11988D SANYO-LB11988D Datasheet
75Kb / 8P
Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
Fan Motor Driver
logo
ON Semiconductor
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
Fan Motor Driver
May, 2013
LB11988H ONSEMI-LB11988H Datasheet
90Kb / 6P
Fan Motor Driver
May, 2013
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
Fan Motor Driver
May, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
Fan Motor Driver
May, 2013
LA6581DM ONSEMI-LA6581DM Datasheet
211Kb / 5P
Fan Motor Driver
January, 2014
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com