Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM120B12-R7B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GSM120B12-R7B
Description  120WAC-DC High Reliability Medical Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM120B12-R7B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GSM120B12-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM120B12-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM120B12-R7B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
120W AC-DC
Medical Adaptor
High Reliability
GSM120B series
-
B12
GSM120
Output wattage
IEC320-C8 AC inlet
Output voltage
EN 60601-1
IEC 60601-1
8
R7B
Series name
File Name:GSM120B-SPEC 2015-11-02
Applications
Features
Mobile clinical workstation
Oral irrigator
Portable hemodialysis machine
Breath Machine
Medical computer monitor
Description
Model Encoding
Universal AC input / Full range
2 pole AC inlet IEC320-C8
Medical safety approved (2 x MOPP between primary to secondary)
Suitable for BF application with appropriate system consideration
Low leakage current <100uA
No load power consumption<0.15W
Energy efficiency level VI
Comply with EISA 2007/DoE,NRCan, AU/NZ MEPS,
EU ErP and meet CoC Version 5
Built-in active PFC function
High efficiency up to 91.5%
℃
Fanless design with -30~+60 working temperature
Class
power (without earth pin)
Ⅱ
Protections: Short circuit / Overload / Over voltage / Over temperature
Fully enclosed plastic case
LED indicator for power on
100% full load burn-in test
3 years warranty
R7B: Plug for standard model,Power DIN 4Pin with lock type
DC plug type
Optional plug type available by customer requested
{
GSM120B is a highly reliable, 120W desktop style single-output green medical adaptor series. This product
is equipped with a 2-pin (no FG) standard IEC320-C8 power plug, adopting the input range from 80VAC to
264VAC. The entire series supplies different output voltages between 12VDC and 48VDC that can satisfy
the demands for various kinds of medical electrical devices. The circuitry design meets the international medical
standards (2*MOPP), having an ultra low leakage current (<100uA), fitting the medical devices in direct electrical
contact with the patients.
With the efficiency up to 91.5% and the extremely low no-load power consumption below 0.15W, GSM120B is
under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic
case, providing the double insulation that effectively prevents electrical shock. GSM120B is approved with
the international medical safety certificates.
Code of Conduct (CoC) Version 5. The supreme feature allows the adaptor to
save the energy when it is either
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP,and meet


Similar Part No. - GSM120B12-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
120W AC-DC Reliable Green Medical Adaptor
More results

Similar Description - GSM120B12-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
18W AC-DC High Reliability Interchangeable Medical Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
25W AC-DC High Reliability Medical Adaptor
GSM60B MEANWELL-GSM60B Datasheet
107Kb / 3P
60WAC-DC High Reliability Medical Adaptor
GSM90B MEANWELL-GSM90B Datasheet
105Kb / 3P
90WAC-DC High Reliability Medical Adaptor
GSM160B MEANWELL-GSM160B Datasheet
556Kb / 3P
160W AC-DC High Reliability Medical Adaptor
GSM220B MEANWELL-GSM220B Datasheet
578Kb / 3P
220W AC-DC High Reliability Medical Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
18W AC-DC High Reliability Industrial Adaptor
GST160A MEANWELL-GST160A Datasheet
98Kb / 3P
160WAC-DC High Reliability Industrial Adaptor
GEM12I MEANWELL-GEM12I Datasheet
169Kb / 4P
12W AC-DC High Reliability Interchangeable Medical Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com