Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSM120B12-R7B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GSM120B12-R7B
Description  120WAC-DC High Reliability Medical Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM120B12-R7B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GSM120B12-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM120B12-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM120B12-R7B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
GSM120B series
File Name:GSM120B-SPEC 2015-11-02
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE RANGE
7
Note.
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
GSM120B15-R7B
GSM120B12-R7B
GSM120B20-R7B
GSM120B24-R7B
GSM120B48-R7B
15V
12V
GSM120B15
GSM120B12
20V
GSM120B20
24V
GSM120B24
48V
GSM120B48
150mVp-p
120mVp-p
180mVp-p
200mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
±5.0%
±5.0%
±3.0%
±2.5%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±4.0%
±3.0%
±2.5%
80 ~ 264VAC
113 ~ 370VDC
47 ~ 63Hz
PF>0.93 / 230VAC
PF>0.97 / 115VAC at full load
89%
88%
89%
90%
91.5%
1.4A / 115VAC
0.7A / 230VAC
35A / 115VAC
70A / 230VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P: 4KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
℃
372K hrs min. MIL-HDBK-217F(25
)
℃
-30 ~ +60
(Refer to "Derating Curve")
℃
20% ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
℃
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
167*67*35mm (L*W*H)
0.6Kg; 20pcs/13,0Kg/0.9CUFT
CONNECTOR
PLUG
CABLE
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, EN60601-1-2, EN61204-3 medical level, criteria A
OVERLOAD
OVER VOLTAGE
105 ~ 160% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
105 ~ 135% rated output voltage
7A
8.5A
6A
5A
2.5A
0 ~ 7A
0 ~ 8.5A
0 ~ 6A
0 ~ 5A
0 ~ 2.5A
105W
102W
120W
120W
120W
Protection type : Shut down o/p voltage, re-power on to recover
ANSI/AAMI ES60601-1 / ES60601-1-11, TUV EN60601-1 / EN60601-1-11 approved
Compliance to EN55011(CISPR11) class B, EN61000-3-2,3, FCC PART 15 class B
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
1500ms, 30ms / 230VAC
2000ms, 30ms / 115VAC at full load
20ms / 230VAC
20ms / 115VAC at full load
OVER TEMPERATURE
Shut down o/p voltage, re-power on to recover
EMC IMMUNITY
EMC EMISSION
Touch current < 100 A/264VAC
±5.0%
±0.03% /
(0 ~ 40
)
℃℃
ISOLATION LEVEL
Primary-Secondary: 2xMOPP
120W AC-DC
Medical Adaptor
High Reliability
1. All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
℃
2. DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4. Tolerance: includes set up tolerance, line regulation, load regulation.
5. Line regulation is measured from low line to high line at rated load.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Derating may be needed under low input voltage. Please check the derating curve for more details.
8.
The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com