Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE Datasheet(PDF) 1 Page - Powerbox

Part # ACE
Description  3 0 0 - 9 0 0 WAT T S - A C / D C M O D U L A R O U T P U T
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

ACE Datasheet(HTML) 1 Page - Powerbox

  ACE Datasheet HTML 1Page - Powerbox ACE Datasheet HTML 2Page - Powerbox ACE Datasheet HTML 3Page - Powerbox ACE Datasheet HTML 4Page - Powerbox ACE Datasheet HTML 5Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Doc. No. PBC9 Rev.D 10-8-12
76
ACE Series
300-900 W A TTS - AC/DC MODULAR OUTPUT
FEATURES
•
Flexible modular system architecture provides
various output configurations.
•
Harmonic attenuator (Complies with IEC61000-3-2).
•
Universal input (85-264Vac).
•
Remote on/off controls, alarm.
INPUT
Voltage
85-264VAC or 120-350VDC.
Frequency
47-63Hz.
Leakage current
0.5mA (ACIN100V), 0.95mA (ACIN230V)
Inrush current
Cold start, 15A/30A @ 115VAC
Cold start, 30A/30A @ 230VAC.
Isolation
In/Out 3kVac.
In/Gnd 2kVac.
Out/Gnd 500Vac.
OUTPUT
Output voltage
See table.
Voltage adjustment
See table.
Output current
See table.
Output power
(110/230Vin)
See table for individual modules.
ACE300F: 250W/300W
ACE450F: 400W/450W
ACE650F: 600W/650W
ACE900F: 800W (1KW peak) / 900W (1KW
peak).
Number of slots
ACE300F: 4
ACE450F: 5
ACE650F: 5
ACE900F: 6
Ripple & noise
See table.
Line regulation
See table.
Load regulation
See table.
Over voltage protection
115% - 140% of rated voltage.
Over current protection
Over 105% min. of rated current.
Startup time
500ms max.
Holdup time
20ms typical.
Efficiency
78%-80% typical.
ENVIRONMENTAL
Operating temperature
-20°C to 70°C (Refer to derating curve)
Consult Powerbox office.
Humidity
20 – 75% RH Non-Condensing
Vibration
19.6m/s2 (2G) 10Hz-55Hz 3 minutes x, y and z
axes 60 minutes
Impact
196.1m/s2 (20G), 11ms once along x, y and z
axes
STANDARDS
Safety standards
EN60950-1, EN50178, UL60950-1 and C-UL
IEC60950 and DEN-AN (AC input only)
CE
Marking Complies with LVD and EMC Directives
C Tick
AS/NZS CISPR11 Group 1, Class A
EMI standards
Complies with FCC-B, CISPR22-B,
EN55022-B, VCCI-B
EMC standards
Complies with EN61000-4-2,EN61000-4-3,
EN61000-4-4, EN61000-4-5, EN61000-4-6,
EN61000-4-8 and EN61000-4-11
Input Harmonics
Complies with IEC61000-3-2.
MECHANICAL
Dimensions
ACE300F: 103x63.5x254mm (WxHxD).
ACE450F: 127x63.5x254mm (WxHxD).
ACE650F: 127x63.5x279mm (WxHxD).
ACE900F: 177.5x63.5x256mm (WxHxD).
Weight
ACE300F: 1.7kg max.
ACE450F: 2.2kg max.
ACE650F: 2.4kg max.
ACE900F: 3.0kg max.


Similar Part No. - ACE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ACE OMRON-ACE Datasheet
737Kb / 3P
Automation Control Environment (ACE)
logo
Applied Concepts Inc.
ACE-12-1275 ACIPOWER-ACE-12-1275 Datasheet
93Kb / 1P
CCFL INVERTER
ACE-12-1816 ACIPOWER-ACE-12-1816 Datasheet
203Kb / 3P
CCFL INVERTER
logo
IEI Integration Corp.
ACE-4840APM IEI-ACE-4840APM Datasheet
468Kb / 1P
400 W PS/2 Medical T ACE-4840APM ype ATX Power Supply
ACE-4840APM-RS IEI-ACE-4840APM-RS Datasheet
468Kb / 1P
400 W PS/2 Medical T ACE-4840APM ype ATX Power Supply
More results

Similar Description - ACE

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB7C POWERBOX-PBB7C Datasheet
255Kb / 2P
1 0 0 - 2 2 5W - A C / D C D U A L O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com