Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE Datasheet(PDF) 2 Page - Powerbox

Part # ACE
Description  3 0 0 - 9 0 0 WAT T S - A C / D C M O D U L A R O U T P U T
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

ACE Datasheet(HTML) 2 Page - Powerbox

  ACE Datasheet HTML 1Page - Powerbox ACE Datasheet HTML 2Page - Powerbox ACE Datasheet HTML 3Page - Powerbox ACE Datasheet HTML 4Page - Powerbox ACE Datasheet HTML 5Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.D 10-8-12
77
ACE Series
300-900 W A TTS - AC/DC MODULAR OUTPUT
150W SUITABLE SINGLE OUTPUT
50W SUITABLE SINGLE OUTPUT
75W DUAL OUTPUT
ITEM
CODE
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
Y*7
W*7
Z*7
9*7
Number of slots used
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Voltage
2
3.3
5
7.5
12
15
18
24
34
48
3.3
5
12
15
24
±5
±12 ±15 ±24
Minimum current
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Current1(A)
26
26
26
18
13
10
8.5
6.5
4.5
3.2
10
10
5
4
2.5
3
3.2
2.5
1.6
Current2(A)
7
4.2
3.5
2.5
Peak current(A)*1
14
12
10
8
5.5
4
5
4
Line regulation(mV)max
20
20
20
36
48
60
72
96
120 192
20
20
48
60
96
20
48
60
60
Load regulation1(mV)max*5
40
40
40
100 100 120 120 150 180 300
40
40
100
120
150
250
600
600
600
Load regulation2(mV)max*6
500
750
750
750
Ripple
(mVp-p)max
0 to +50°C*2
80
80
80
120 120 120 120 120 120 150
80
80
120
120
120
80
120
120
120
-20 to 0°C*2
140 140 140 160 160 160 160 160 160 300
140
140
160
160
160
140
160
160
160
Ripple Noise
(mVp-p)max
0 to +50°C*2 120 120 120 150 150 150 150 150 150 350
120
120
150
150
150
120
150
150
150
-20 to 0°C*2
160 160 160 180 180 180 180 180 180 400
160
160
180
180
180
160
180
180
180
Temp Coeff. (mV)max
0 to +50°C
50
50
50
90
120 150 180 240 300 480
50
50
120
150
240
50
120
150
150
Drift (mV)max*6
20
20
20
36
48
60
72
96
120 192
20
20
48
60
96
20
48
60
60
Output voltage setting(V)
2.00-
2.20
3.25-
3.45
4.99-
5.30
7.20-
7.80
11.5-
12.5
14.4-
15.6
17.3-
18.7
23.0-
25.0
33.0-
35.0
46.0-
50.0
3.25-
3.45
4.99-
5.30
11.5-
12.5
14.4-
15.6
23.0-
25.0
4.99-
5.30
11.5-
12.5
14.5-
15.6
23.0-
25.0
Output voltage adjustment
range(V)*4
1.60-
2.60
2.60-
3.60
4.00-
5.50
6.00-
8.20
9.00-
13.2
13.2-
16.5
16.5-
19.2
19.2-
26.4
27.2-
37.4
38.4-
52.8
2.60-
3.60
4.00-
5.50
9.00-
13.2
13.2-
16.5
19.2-
26.4
4.99-
6.00
9.60-
13.2
13.2-
16.5
19.2-
26.4
Overcurrent protection(A)
Works over 105% min of rated current or 101% min of peak current. Automatic recovery
Overvoltage protection(V)
3.00-
4.80
4.00-
5.25
Works at 115%-140% of rated voltage
4.00-
5.25
Works at 115%-140% of
rated voltage
6.90-
8.40
13.8-
16.8
17.2-
21.0
27.6-
33.6
Function
Remote sensing, remote ON/OFF, alarm(LV)
Remote ON/OFF, alarm(LV)
300W SUITABLE SINGLE OUTPUT
100W SUITABLE DUAL OUTPUT
150W DUAL
OUTPUT
*
ITEM
CODE
2A
2B
2C
2D
2E
2F
2G
2H
2J
2K
S
T
U
W
Z
I
Number of slots used
2
2
2
2
2
2
2
2
2
2
1
1
1
1
1
1
Voltage
2
3.3
5
7.5
12
15
18
24
34
48
V1; 5 V1; 5 V1; 5 V1; 12 V1; 5 V1; 24 ±12
±15
Minimum current
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Current1(A)
60
60
60
40
25
20
17
14
10
7
10
5
10
4.2
10
2.1
6.4
5.5
Current2(A)
8
7
Peak current(A)*1
34
27
23
20
14
10
10
8
Line regulation(mV)max
20
20
20
36
48
60
72
96
120 192
20
20
20
48
20
96
48
60
Load regulation1(mV)max*5
40
40
40
100 100 120 120 150 180 300
40
40
40
100
40
150
600
600
Load regulation2(mV)max*6
750
750
Ripple
(mVp-p)max
0 to +50°C*2
80
80
80
120 120 120 120 120 120 150
80
80
80
120
80
120
140
140
-20 to 0°C*2
140 140 140 160 160 160 160 160 160 300
140
140
140
160
140
160
200
200
Ripple Noise
(mVp-p)max
0 to +50°C*2
120 120 120 150 150 150 150 150 150 350
120
120
120
150
120
150
230
230
-20 to 0°C*2
160 160 160 180 180 180 180 180 180 400
160
160
160
180
160
160
350
350
Temp Coeff. (mV)max 0 to +50°C
50
50
50
90
120 150 180 240 300 480
50
50
50
120
50
240
120
150
Drift (mV)max*6
20
20
20
36
48
60
72
96
120 192
20
20
20
48
20
96
48
60
Output voltage setting(V)
2.00-
2.20
3.25-
3.45
4.99-
5.30
7.20-
7.80
11.5-
12.5
14.4-
15.6
17.3-
18.7
23.0-
25.0
33.0-
35.0
46.0-
50.0
4.99-
5.30
4.99-
5.30
4.99-
5.30
11.5-
12.5
4.99-
5.30
23.0-
25.0
11.5-
12.5
14.4-15.6
Output voltage adjustment
range(V)*4
1.60-
2.60
2.60-
3.60
4.00-
5.50
6.00-
8.20
9.00-
13.2
13.2-
16.5
16.5-
19.2
19.2-
26.4
27.2-
37.4
38.4-
52.8
4.99-
5.50
3.00-
5.50
4.99-
5.50
7.50-
13.2
4.99-
5.50
15.0-
26.4
9.60-
13.2
13.2-16.5
Overcurrent protection(A)
Works over 105% min of rated current or 101% min of peak current. Automatic recovery
Overvoltage protection(V)
3.00-
4.80
4.00-
5.25
Works at 115%-140% of rated voltage
Function
Remote sensing, remote ON/OFF, alarm(LV)
Remote ON/OFF
Same as W, Z
*1 Operating condition of peak current : Peak current is less than 10sec., duty is less than 35% and average current is less than
rated current. (rated current2 at Module W, Z, 9, Q and V)
*2 Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN : RM101). Ripple and Ripple Noise is
measured by using measuring board with capacitor of 22mF within 150mm from output terminal.
*3 Drift is changed in DC output for an eight hour period after half-hour warm-up at 25C, with the input voltage held constant at
the rated input/output.
*4 When the output voltage of module A is used less than 2.0V, keep minimum output current 2.6A.
*5 It is a value from 0 to rated output current1. The current on non-measurement side is fixed.
*6 It is a value from 0 to rated output current2. The current on non-measurement side is fixed.
*7 The sum of +power and -power must be less than output power(Y:50W, W:76.8W, Z:75W, 9:76.8W, Q:153.6W, V:165W).
*8 Ratings of V2 can draw up to 50% of rated current at the time of 0A in load of V1.(Only module S,T,U. refer to instruction manual
4.2 for details.)
* Each output of module Y-Z, 9, Q and V is a ground common type (not isolated),each output ofmodule S,T and U is isolated.
= For ACE300F,450F and 650F , input and output terminals can be set at the same side if Input module (code:I) is installed
instead of the most left module.
* Modules which can correspond to medical electrical equipment (UL2601-1, EN60601-1) are all modules except module S, T
and U. Refer to instruction manual 7. for details.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com