Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M541 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M541
Description  Dual 4-Line to 1-Line Data Selectors/Multiplexers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M541 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  M541 Datasheet HTML 1Page - National Semiconductor (TI) M541 Datasheet HTML 2Page - National Semiconductor (TI) M541 Datasheet HTML 3Page - National Semiconductor (TI) M541 Datasheet HTML 4Page - National Semiconductor (TI) M541 Datasheet HTML 5Page - National Semiconductor (TI) M541 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6547
June 1989
54153DM54153DM74153 Dual 4-Line to 1-Line
Data SelectorsMultiplexers
General Description
Each of these data selectorsmultiplexers contains invert-
ers and drivers to supply fully complementary on-chip bina-
ry decoding data selection to the AND-OR-invert gates
Separate strobe inputs are provided for each of the two
four-line sections
Features
Y
Permits multiplexing from N lines to 1 line
Y
Performs parallel-to-serial conversion
Y
Strobe (enable) line provided for cascading (N lines to
n lines)
Y
High fan-out low-impedance totem-pole outputs
Y
Typical average propagation delay times
From data 11 ns
From strobe 18 ns
From select 20 ns
Y
Typical power dissipation 170 mW
Y
Alternate MilitaryAerospace device (54153) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6547 – 1
Order Number 54153DMQB 54153FMQB DM54153J
DM54153W or DM74153N
See NS Package Number J16A N16E or W16A
Function Table
Select
Data Inputs
Strobe
Output
Inputs
B
A
C0
C1
C2
C3
G
Y
X
X
XXXX
H
L
LL
L
X
X
X
L
L
LL
H
X
X
X
L
H
LH
X
L
X
X
L
L
LH
X
H
X
X
L
H
HL
X
X
L
X
L
L
HL
X
X
H
X
L
H
HH
X
X
X
L
L
L
HH
X
X
X
H
L
H
Select inputs A and B are common to both sections
H e High Level L e Low Level X e Don’t Care
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - M541

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M541 MITSUBISHI-M541 Datasheet
196Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
National Semiconductor ...
M541 NSC-M541 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
OKI electronic componet...
M541 OKI-M541 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
logo
Sanken electric
M541 SANKEN-M541 Datasheet
43Kb / 2P
TO-220F 5A Triac
logo
M/A-COM Technology Solu...
M541 MA-COM-M541 Datasheet
231Kb / 9P
Bonding, Handling, and Mounting Procedures for Chip Diode Devices
More results

Similar Description - M541

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS153 NSC-54LS153 Datasheet
142Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS352 NSC-54LS352 Datasheet
128Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC153 TI1-SN54HC153_15 Datasheet
1Mb / 21P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com