Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3SA Datasheet(PDF) 1 Page - Powerbox

Part # EC3SA
Description  3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

EC3SA Datasheet(HTML) 1 Page - Powerbox

  EC3SA Datasheet HTML 1Page - Powerbox EC3SA Datasheet HTML 2Page - Powerbox EC3SA Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
145
EC3SA Series
3 W A T T S - D C / D C S I N G L E & M U L T I P L E O U T P U T
FEATURES
•
Industry Standard SIP and SMD Packages
Input ranges 2:1 and 4:1
Single and Multiple Outputs
•
Efficiency up to 85%
•
1500VDC Isolation
•
Low Cost
•
Regulated Outputs
•
Low Ripple and Noise
•
Remote On/Off control
•
No Tantalum Capacitors
INPUT
DC input voltage range
5V
4.5-9V, EC3SA
12V
9-18V, EC3SA
24V
18-36V, EC3SA
48V
36-75V, EC3SA
24V
9-36V, EC3SAW
48V
18-75V, EC3SAW
Input filter
Capacitive
Remote on/off control
Module On
< 1.2VDC or Open Circuit
Module Off
5.5…15VDC
Module Off (input idle current
1mA max.
Isolation voltage
1500 VDC min
Isolation resistance
10^9 Ohms min
Isolation capacitance
500pF typ EC3SAW
OUTPUT
Output voltage
See table
Output current
See table
Voltage accuracy
±3.0% max.
Voltage balance
±1.0% max. Dual
Cross regulation
(Note4)
Asymmetrical load 25%/100%
±5.0% max. Dual
Transient response
25% Step Load Change
Error Band
±6% Vout nominal
Recovery Time
< 500us
Ripple and noise, 20MHz
BW
75mV p-p max
Temperature coefficient
±0.03%/C max
Short circuit protection
Momentary 1sec max
Line regulation (Note1)
±0.5% max
Load regulation (Note2)
±0.5% max, Single
±1.0% max, Dual
Efficiency
See table
Switching frequency
100kH
Short circuit protection
Continuous
ENVIRONMENTAL
Operating ambient
temperature range
40
℃ to +85℃
De-rating
See curve
Case temperature
(Note4)
+100
℃ max
Cooling
Natural convection
Storage temperature
range
-55
℃ to +125℃
Humidity
95% RH max. Non condensing
MTBF
MIL-STD-217F,GB 1.7Mhrs min
EMI (Note5)
Conductive EMI Meet EN55022
Class A & Class B
MECHANICAL
Dimensions
21.8 x 9.2 x 11.1mm
Weight
4.8g
Case material
Non-conductive black plastic
SPECIFICATIONS
NOTE :
1.
Measured From High Line to Low Line
2.
Measured From Full Load to 10% Load
3.
Maximum case temperature under any operating condition should
not be exceeded 100
℃.
4.
For asymmetric loading, Both channels must be at 25% load or more
5.
The EC3SAW series meet EN55022 Class A & Class B with external C-
L filter before the input pins to the converter.(see application note )
PIN
SINGLE OUPUT
MULTIPLE OUTPUT
1
-V Input
-V Input
2
+V Input
+V Input
3
CTRL
CTRL
5
NC
NC
6
+V Output
+V Output
7
-V Output
Common
8
NC
-V Output
PIN CONNECTION


Similar Part No. - EC3SA

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC3SA-05D05 RSG-EC3SA-05D05 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SA-05D05N CINCON-EC3SA-05D05N Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC3SA-05D12 RSG-EC3SA-05D12 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SA-05D12N CINCON-EC3SA-05D12N Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results

Similar Description - EC3SA

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
TRG36A POWERBOX-TRG36A Datasheet
562Kb / 1P
3 6 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com