Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3SA Datasheet(PDF) 2 Page - Powerbox

Part # EC3SA
Description  3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

EC3SA Datasheet(HTML) 2 Page - Powerbox

  EC3SA Datasheet HTML 1Page - Powerbox EC3SA Datasheet HTML 2Page - Powerbox EC3SA Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Doc. No. PBC9 Rev.C 28-4-11
146
OUTPUT CURRENT
INPUT CURRENT
MODEL NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
% EFF.
CASE
EC3SA-05S33
3.3VDC
0 mA
700 mA
632 mA
73
EC3SA-05S05
5VDC
0 mA
600 mA
769 mA
78
EC3SA-05S12
12VDC
0 mA
250 mA
759 mA
81
EC3SA-05S15
4.5-9.0 VDC
15VDC
0 mA
200 mA
60 mA
741 mA
81
SIP-8
EC3SA-05D05
±5VDC
±0 mA
±300 mA
769 mA
78
EC3SA-05D12
±12VDC
±0 mA
±125 mA
741 mA
81
EC3SA-05D15
±15VDC
±0 mA
±100 mA
741 mA
81
EC3SA-12S33
3.3VDC
0 mA
700 mA
253 mA
76
EC3SA-12S05
5VDC
0 mA
600 mA
309 mA
81
EC3SA-12S12
12VDC
0 mA
250 mA
301 mA
83
EC3SA-12S15
9-18 VDC
15VDC
0 mA
200 mA
30 mA
298 mA
84
SIP-8
EC3SA-12D05
±5VDC
±0 mA
±300 mA
305 mA
82
EC3SA-12D12
±12VDC
±0 mA
±125 mA
301 mA
83
EC3SA-12D15
±15VDC
±0 mA
±100 mA
298 mA
84
EC3SA-24S33
3.3VDC
0 mA
700 mA
125 mA
77
EC3SA-24S05
5VDC
0 mA
600 mA
154 mA
81
EC3SA-24S12
12VDC
0 mA
250 mA
149 mA
84
EC3SA-24S15
18-36 VDC
15VDC
0 mA
200 mA
18 mA
147 mA
85
SIP-8
EC3SA-24D05
±5VDC
±0 mA
±300 mA
156 mA
80
EC3SA-24D12
±12VDC
±0 mA
±125 mA
149 mA
84
EC3SA-24D15
±15VDC
±0 mA
±100 mA
147 mA
85
EC3SA-48S33
3.3VDC
0 mA
700 mA
63mA
77
EC3SA-48S05
5VDC
0 mA
600 mA
77 mA
81
EC3SA-48S12
12VDC
0 mA
250 mA
73 mA
86
EC3SA-48S15
36-75 VDC
15VDC
0 mA
200 mA
9 mA
73 mA
86
SIP-8
EC3SA-48D05
±5VDC
±0 mA
±300 mA
77 mA
81
EC3SA-48D12
±12VDC
±0 mA
±125 mA
73 mA
86
EC3SA-48D15
±15VDC
±0 mA
±100 mA
73 mA
86
EC3SAW-24S33P
9-36 VDC
3.3VDC
0 mA
700 mA
4 mA
122 mA
79
1800uF
EC3SAW-24S05P
9-36 VDC
5VDC
0 mA
600 mA
4 mA
154 mA
81
1000uF
EC3SAW-24S12P
9-36 VDC
12VDC
0 mA
250 mA
8 mA
150 mA
84
220uF
EC3SAW-24S15P
9-36 VDC
15VDC
0 mA
200 mA
8 mA
150 mA
84
120uF
EC3SAW-24D05P
9-36 VDC
±5VDC
0 mA
±300 mA
8 mA
154 mA
81
±470uF
EC3SAW-24D12P
9-36 VDC
±12VDC
0 mA
±125 mA
12 mA 1
50 mA
84
±100uF
EC3SAW-24D15P
9-36 VDC
±15VDC
0 mA
±100 mA
12 mA
151 mA
83
±47uF
EC3SAW-48S33P
18-75 VDC
3.3VDC
0 mA
700 mA
3 mA
61 mA
79
1800uF
EC3SAW-48S05P
18-75 VDC
5VDC
0 mA
600 mA
3 mA
76 mA
82
1000uF
EC3SAW-48S12P
18-75 VDC
12VDC
0 mA
250 mA
5 mA
74 mA
85
220uF
EC3SAW-48S15P
18-75 VDC
15VDC
0 mA
200 mA
5 mA
75 mA
84
120uF
EC3SAW-48D05P
18-75 VDC
±5VDC
0 mA
±300 mA
5 mA
76 mA
82
±470uF
EC3SAW-48D12P
18-75 VDC
±12VDC
0 mA
±125 mA 1
0 mA
75 mA
84
±100uF
EC3SAW-48D15P
18-75 VDC
±15VDC
0 mA
±100 mA
10mA
75 mA
83
±47uF
SELECTION TABLE
EC3SA Series
3 W A T T S - D C / D C S I N G L E & M U L T I P L E O U T P U T
NOTE: 1. Nominal Input Voltage 5, 12 or 24VDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com