Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOPAC Datasheet(PDF) 2 Page - Powerbox

Part # LOPAC
Description  5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

LOPAC Datasheet(HTML) 2 Page - Powerbox

  LOPAC Datasheet HTML 1Page - Powerbox LOPAC Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
75
LoPAC Series
5 0 0 - 1 5 0 0 W A T T S - A C / D C L O W P R O F I L E S I N G L E & M U L T I P L E O U T P U T
OUPUT
VOLTAGE
AVAILABLE POWER (W) PER MODULE SIZE
MAXI
VI-200
MINI
VI-J00
MICRO
2Vdc
160
80
60
100
40
30
50
3.3Vdc
264
132
99
150
66
50
75
5Vdc
400
200
150
200
100
75
100
12Vdc
600
200
150
300
100
75
150
15Vdc
600
200
150
300
100
75
150
24Vdc
600
200
150
300
100
75
150
28Vdc
600
200
150
300
100
75
150
48Vdc
600
200
150
300
100
75
150
MODEL
TYPE
# SLOTS
MAXIMUM OUPUT POWER
MODULES PER SLOT
TOTAL
PER
SLOT
@ 230VAC
@ 115VAC
PFC Mini
3
1,500W
800W
500W
1 Maxi or 2 Minis
PFC Micro
2
800W
500W
600W
1 Maxi or 2 Minis or 3 Micros
PFC Micros
1
600W
500W
600W
1 Maxi or 2 Minis or 3 Micros
PM
X1
X2
X3
XXXX
-X6
-
-
Product Prefix
PM PFC Mini
PC PFC Micro
PS PFC Micros
Number of
Output
Voltage
Number of
MAXI/MINI/MICRO
Module(s)
Optional Codes
LL
Low Leakage
LNF
Low (Audible) Noise Fan
(only available on PFC Mini)
Factory
Assigned
Number of
VI-200/VI-J00 Module(s)
NOTE: For technical illustrations please contact Powerbox for further details
-X4
Optional Factory
Assigned
Optional Factory
Assigned
-X5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com