Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOPAC Datasheet(PDF) 1 Page - Powerbox

Part # LOPAC
Description  5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

LOPAC Datasheet(HTML) 1 Page - Powerbox

  LOPAC Datasheet HTML 1Page - Powerbox LOPAC Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Doc. No. PBC9 Rev.C 28-4-11
74
LoPAC Series
5 0 0 - 1 5 0 0 W A T T S - A C / D C L O W P R O F I L E S I N G L E & M U L T I P L E O U T P U T
FEATURES
•
Near unity power factor
•
EN61000-3-2 harmonic current compliance
•
Low profile package
•
Output power to 1,500W
•
Up to 6 user specifiable outputs
•
Universal AC input
•
Power density up to 11W/in3
•
New “Autosense” feature
•
Safety agency approvals: CE Marked,
cTÜVus (pending), cULus, TÜV
ENVIRONMENTAL
Storage temperature
-40°C to +85°C
Operating temperature
-20°C to +45°C (full rated power)
-20°C to +65°C (50% rated power).
STANDARDS
Safety standards
CE Marked, cTÜVus
Surge
EN61000-4-5.
Harmonic current limits
EN61000-3-2/A14
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMI standards
FCC Class A, EN55022 Class A. (Certain
configurations meet FCC & EN Class B
EMC standards
EN61000-4-4 Level 3, Performance
Criteria B.
MECHANICAL
Dimensions (LxWxH)
PFC Mini – 309.9x152.4x44.5mm
PFC.Micro – 264.1x128.5x47.3mm
PFC MicroS – 201.9x128.5x47.3mm
INPUT
Voltage
85-264Vac,
100-380Vdc (PFC Mini),
100-300Vdc (PFC Micro, PFC MicroS)
Frequency
47-500Hz.
Line regulation
0.4% (from low line to high line).
Inrush current
@ 115Vac
@230Vac
8.5Apk (PFC Mini),
7Apk (PFC Micro, PFC MicroS)
17Apk (PFC Mini)
14Apk (PFC Micro, PFC MicroS)
Isolation
Input – Output: 4242Vdc
Input – Ground: 2121Vdc
Output – Ground: 750Vdc
Power factor
> 0.98
OUTPUT
Setpoint accuracy
1% of Vnom.
Load regulation
0.05% @ 10% load to full load.
0.2% @ no load to full load.
Temp. regulation
0.005%/°C, -20 to +65°C
Long term drift
0.02%/khr
Ripple & noise
<=10Vout, 100mV
>10Vout, 1.0% Vout
Voltage trim range
1st Gen slots
50-110% Vout
2nd Gen slots
10-110% Vout
(+/-10% on 10-15Vout, preload may be
required).
Remote sense
Compensation
0.5Vdc
OVP set point
125% Vout. (not available in 1st Gen minis).
Current limit
115% Imax. (with auto recovery).


Similar Part No. - LOPAC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
LOPAC VICOR-LOPAC Datasheet
230Kb / 8P
PFC Mini, PFC Micro, PFC MicroS Power Factor Corrected, AC-DC Switchers
More results

Similar Description - LOPAC

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com