Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-MR-01-CDFG Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # XP-MR-01-CDFG
Description  2-wire interface with integrated Digital Diagnostic monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-01-CDFG Datasheet(HTML) 5 Page - Source Photonics, Inc.

  XP-MR-01-CDFG Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS-7068
Rev 02
2013-05-02
Datasheet
XP-MR-01-CDFG
Pin Definitions
Figure 3, Pin View
Table 6
– Electrical Characteristics
Pin
Logic
Symbol
Name/Description
Note
1
GND
Module Ground
1
2
VEE5
Optional -5.2V Power Supply (Not implemented)
3
3
LVTTL-I
Mod_Desel
Module De-select; When held low allows the module to
respond to 2-wire serial interface
4
LVTTL-O
Interrupt
Interrupt; Indicates presence of an important condition which
can be read over the 2-wire serial interface
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Turns off transmitter laser output
6
VCC5
+5V Power Supply (Not implemented)
7
GND
Module Ground
1
8
VCC3
+3.3V Power Supply
9
VCC3
+3.3V Power Supply
10
LVTTL-I/O
SCL
2-Wire Serial Interface Clock
2
11
LVTTL-I/O
SDA
2-Wire Serial Interface Data Line
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com