Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-MR-01-CDFG Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # XP-MR-01-CDFG
Description  2-wire interface with integrated Digital Diagnostic monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-01-CDFG Datasheet(HTML) 3 Page - Source Photonics, Inc.

  XP-MR-01-CDFG Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-01-CDFG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS-7068
Rev 02
2013-05-02
Datasheet
XP-MR-01-CDFG
LOS Assert
LOSA
-30
-
-
dBm
LOS Deassert
LOSD
-
-
-15
dBm
LOS Hysteresis
LOSH
0.5
-
4
dB
Notes:
1.
The optical power is launched into SMF.
2.
Measured with a PRBS 2
31-1 test pattern @9.953Gbps.
3.
Measured with a PRBS 2
31-1 test pattern @9.953Gbps, BER≤10-12.
Electrical Characteristics
Table 5
– Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Differential Data Input Amplitude
VIN,P-P
120
-
820
mVpp
Input Differential Impedance
ZIN
85
100
115
Ω
Tx_Disable, P_Down/RST
VIL
-0.3
-
0.8
V
VIH
2.0
-
VCC+0.3
V
Receiver
Differential Date Output Amplitude
VOUT,P-P
340
-
850
mVpp
Output Differential Impedance
Zd
80
100
120
Ω
Output Rise Time, 20%~80%
TR
24
-
-
ps
Output Fall Time, 20%~80%
TF
24
-
-
ps
Rx_LOS, Mod_NR, Interrupt
VOL
0
-
0.4
V
VOH
VCC-0.5
-
VCC+0.3
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com