Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-MR-01-IDFG Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # XP-MR-01-IDFG
Description  2-wire interface with integrated Digital Diagnostic monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-01-IDFG Datasheet(HTML) 2 Page - Source Photonics, Inc.

  XP-MR-01-IDFG Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS-7292
Rev 01
2013-04-12
Datasheet
XP-MR-01-IDFG
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Temperature
TS
-40
-
+85
°C
Supply Voltage
VCC3
-0.5
-
+4.0
V
Operating Relative Humidity
RH
-
-
+85
%
Recommended Operating Conditions
Table 3
– Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Operating Case Temperature
TC
-40
-
+85
°C
Power Supply Voltage
VCC3
3.14
3.3
3.46
V
Power Supply Current
ICC3
-
-
720
mA
Power Dissipation
PD
-
-
2.5
W
Bit Rate
BR
9.95
-
11.3
Gbps
Transmission Distance
TD
2
-
10,000
m
1
Note 1: Measured with G.652 SMF.
Optical Characteristics
Table 4
– Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Center Wavelength Range
λ
C
1290
-
1330
nm
Average Output Power
P0UT
-6
-
-1
dBm
1
Average Output Power (Laser Off)
P0UT-OFF
-
-
-30
dBm
1
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Spectral Width (-20dB)
Δλ
-
-
1
nm
Extinction Ratio
ER
6
-
-
dB
2
Optical Eye Mask
Compliant with ITU-T G.691-2006
2
Receiver
Center Wavelength Range
λ
C
1290
-
1330
nm
Receiver Sensitivity
PIN-SENS
-
-14
-11
dBm
3
Receiver Overload
PIN-OL
-1
-
-
dBm
3
Receiver Reflectance
Ref
-
-
-14
dB
Optical Path Penalty
OPP
-
-
1
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com