Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-MR-01-IDFG Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # XP-MR-01-IDFG
Description  2-wire interface with integrated Digital Diagnostic monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-01-IDFG Datasheet(HTML) 4 Page - Source Photonics, Inc.

  XP-MR-01-IDFG Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS-7292
Rev 01
2013-04-12
Datasheet
XP-MR-01-IDFG
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
XFP Module
RX_LOS
INTERRUPT
RD +
RD -
TD +
TD -
Z=50
Z=50
Z=50
Z=50
100
4.7K to 10K
GND
Host Board
SerDat Out +
SerDat Out -
SerDat In +
SerDat In -
CML
CML
100
Vcc (+3.3V)
CML
CML
100 
REFCLKP
REFCLKN
SDA
SCL
MOD_NR
Vcc (+3.3V)
10K 
MOD_DeSel
TX_DIS
P_Down/RST
MOD_abs
Figure 2, Recommended Interface Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com