Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATX0200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATX0200 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 2Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
Table5 Typical Power Distribution for a 450W ATX12V Configuration
Parameter
Min
Nom.
Max
Peak
Unit
+12V1DC
0.1
-
18.0
19.0
Amps
+12V2DC
0.5
-
18.0
19.0
Amps
+5VDC
0.2
-
20.0
-
Amps
+3.3VDC
0.1
-
24.0
-
Amps
-12VDC
0.0
-
0.3
-
Amps
+5VSB
0.0
-
2.5
3.5
Amps
Note:
1. Total combined output of 3.3V and 5V is ≦130W
2. Total combined output of +12V1&+12V2 is ≦350W
3. Peak currents may last up to 17 seconds with not more than one occurrence per minute requirements.
4.When +12V1 & +12V2 load is over 20A,+5V min load is 0.5A
5. When +5V load is over 16A,+12V1 & +12V2 min load is 20A.
2.2.5 Table5 Typical Power Distribution for a 500W ATX12V Configuration
Table5 Typical Power Distribution for a 500W ATX12V Configuration
Parameter
Min
Nom.
Max
Peak
Unit
+12V1DC
0.1
-
20.0
21.0
Amps
+12V2DC
0.5
-
20.0
21.0
Amps
+5VDC
0.2
-
20.0
-
Amps
+3.3VDC
0.1
-
24.0
-
Amps
-12VDC
0.0
-
0.3
-
Amps
+5VSB
0.0
-
2.5
3.5
Amps
Note:
1. Total combined output of 3.3V and 5V is ≦130W
2. Total combined output of +12V1&+12V2 is ≦360W
3. Peak currents may last up to 17 seconds with not more than one occurrence per minute
4. When +12V1 & +12V2 load is over 30A,+5V min load is 2.5A
2.2.6 Table5 Typical Power Distribution for a 550W ATX12V Configuration
550W Cross Regulation(5V rail +3.3V rail vs,12V)
+12V power(W)
Cross Loading Graph for 550W Configuraton
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
4 OF 11
2010/04/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com