Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATX0200 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
3.4 Over Current Protection(350W)
+5VDC'and '+3.3VDC' have separate over current protection circuits to
meet 240VA safety requirement.
Parameter
Min.
Max.
Unit
+12V1
16
34
A
+12V2
19
34
A
3.5 Over Current Protection(400W)
+5VDC' and '+3.3VDC' have separate over current protection circuits to
meet 240VA safety requirement.
Parameter
Min.
Max.
Unit
+12V1
23
36
A
+12V2
23
36
A
3.6 Over Current Protection(450W)
+5VDC',and '+3.3VDC' have separate over current protection circuits to
meet 240VA safety requirement.
Parameter
Min.
Max.
Unit
+12V1
23
36
A
+12V2
23
36
A
3.7 Over Current Protection(500W)
+5VDC'and '+3.3VDC' have separate over current protection circuits to
meet 240VA safety requirement.
Parameter
Min.
Max.
Unit
+12V1
23
37
A
+12V2
23
37
A
3.8 Over Current Protection(550W)
+5VDC'' and '+3.3VDC' have separate over current protection circuits to
meet 240VA safety requirement.
Parameter
Min.
Max.
Unit
+12V1
28
45
A
+12V2
28
45
A
3.9 Over Current Protection(600W)
+5VDC' and '+3.3VDC' have separate over current protection circuits to
meet 240VA safety requirement.
Parameter
Min.
Max.
Unit
+12V1
31
50
A
+12V2
31
50
A
No damage or hazardous condition should occur with all the DC output connectors disconnected
from the load.The power supply may latch into the shutdown state.
3.10 Over temperature protection(OPTIONS)
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
7 OF 11
2010/04/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com