Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC218 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC218
Description  Silicon Bidirectional Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC218 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC218 Datasheet HTML 1Page - ON Semiconductor MAC218 Datasheet HTML 2Page - ON Semiconductor MAC218 Datasheet HTML 3Page - ON Semiconductor MAC218 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC218
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current
(VD = Rated VDRM, gate open)
TJ = 25°C
TJ = 125°C
IDRM
—
—
—
—
10
2
μA
mA
Peak On-State Voltage (Either Direction)
(ITM = 11.3 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle t 2%)
VTM
—
1.7
2
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 12Ω)
Trigger Mode
MT2(+), Gate(+); MT2(+), Gate(−); MT2(−), Gate(−)
MT2(−), Gate(+) “A” SUFFIX ONLY
IGT
—
—
—
—
50
75
mA
Gate Trigger Voltage (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
MT2(−), G(+) “A” SUFFIX ONLY
(Main Terminal Voltage = Rated VDRM, RL = 10 kΩ, TJ = +125°C)
MT2(+), G(+); MT2(−), G(−); MT2(+), G(−)
MT2(−), G(+) “A” SUFFIX ONLY
VGT
—
—
—
—
0.2
0.2
0.9
0.9
1.1
1.4
—
—
2
2
2
2.5
—
—
Volts
Holding Current (Either Direction)
(VD = 24 Vdc, Gate Open,
Initiating Current = 200 mA)
IH
—
—
50
mA
Critical Rate of Rise of Commutating Off-State Voltage
(VD = Rated VDRM, ITM = 11.3 A, Commutating
di/dt = 4.1 A/ms, Gate Unenergized, TC = 80°C)
dv/dt(c)
—
5
—
V/μs
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Voltage Rise, Gate Open,
TJ = 125°C)
dv/dt
—
100
—
V/μs
105
115
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
IT(RMS) RMS ON STATE CURRENT (AMPS)
8.0
FIGURE 2 — POWER DISSIPATION
10
8.0
6.0
4.0
2.0
75
0
IT(RMS), RMS ON STATE CURRENT (AMPS)
FIGURE 1 — CURRENT DERATING
85
95
125
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com